Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC100 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC100
Description  10-Bit Current output D to A Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC100 Datasheet(HTML) 4 Page - Analog Devices

  DAC100 Datasheet HTML 1Page - Analog Devices DAC100 Datasheet HTML 2Page - Analog Devices DAC100 Datasheet HTML 3Page - Analog Devices DAC100 Datasheet HTML 4Page - Analog Devices DAC100 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DAC100
ASD0011162 Rev. F | Page 4 of 5
4.1
Electrical Test Requirements:
1/ PDA applies to subgroup 1. Deltas not included in PDA
2/ See table III for deltas. See table I for test conditions.
4.2
Table III. Burn-in test delta limits.
Table III
TEST
BURN-IN
LIFETEST
DELTA
TITLE
ENDPOINT
ENDPOINT
LIMIT
UNITS
VFR
10.55 ± 0.55
10.55 ± 0.75
±0.2
V
VZS
±0.013
±0.018
±0.005
%FS
I+
8.33
8.33
±10%
mA
I-
8.33
8.33
±10%
mA
5.0
Life Test/Burn-In Circuit:
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition B.
5.3
Steady state life test is per MIL-STD-883 Method 1005.
Table II
MIL-STD-883 Test
Requirements
Subgroups (see table I)
Interim electrical parameters
(pre Burn-In)
1
Final Electrical Test Parameters
1, 2, 3, 8 1/ 2/
Group A Test Requirements
1, 2, 3, 8, 9
Group C Test Requirements
1 2/
Group D Test Requirements
1
* PDA applies to Subgroup 1 only. No other subgroups are included in PDA.


Similar Part No. - DAC100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LCJ NSC-DAC1000LCJ Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LCN NSC-DAC1000LCN Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LJ NSC-DAC1000LJ Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1001 NSC-DAC1001 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
More results

Similar Description - DAC100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com