Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC100 Datasheet(PDF) 3 Page - Analog Devices

Part # DAC100
Description  10-Bit Current output D to A Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC100 Datasheet(HTML) 3 Page - Analog Devices

  DAC100 Datasheet HTML 1Page - Analog Devices DAC100 Datasheet HTML 2Page - Analog Devices DAC100 Datasheet HTML 3Page - Analog Devices DAC100 Datasheet HTML 4Page - Analog Devices DAC100 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DAC100
ASD0011162 Rev. F | Page 3 of 5
4.0
Electrical Table: See notes at end of table
TABLE I
Parameter
Symbol
Conditions 1/
Sub-
group
Limit
Min
Limit
Max
Units
Power supply current
I+
VIH = 2.1V
1, 2, 3
8.33
mA
I-
VIH = 2.1V
1, 2, 3
8.33
Full range output voltage
VFR
VIL = 0.7V, Full Adjust pin tied
to V-
1, 2, 3
10.0
11.1
V
Zero scale output voltage
VZS
VIH = 2.1V
1, 2, 3
±.013
%FS
Integral nonlinearity
NL
± ½ LSB – 9 Bits
1, 2, 3
±0.1
Full scale temperature
coefficient
TCVFR
VIL = 0.7V, Full Scale Adjust
pin tied to V-
8
±60
ppm/°
C
Logic inputs high
VIH
VIN = 2.1V to 3V (all inputs)
Measured with respect to output
pin allowing
≤ ±½ LSB change
with
∆VIN
1, 2, 3
2.1
V
Logic inputs low
VIL
VIN = 0.7V to 0V (all inputs)
Measured with respect to output
pin allowing
≤ ±½ LSB change
with
∆VIN
1, 2, 3
0.7
Logic input current high
IIH
VIH = 6.0V, Each Input
1, 2, 3
5
µA
Logic input current low
IIL
VIL = 0V, Each Input
1, 2, 3
5
Power supply sensitivity
PSS
VIL = 0.7V (all inputs) VS =
±6V to ±18V
1, 2, 3
±0.1
%/V
Monotonicity 2/
∆IO
Measured at each major carry
code point
1
0
µA
Settling time 3/
TSHL
RL = 1KΩ, CL ≤ 10pF
9
375
nS
Table I notes:
1/ VS = ±15V, unless otherwise specified.
2/ The change in output current either increases or remains the same for an increasing digital input
code.
3/ Output within ± ½ LSB of 10-bit accuracy final settled nominal value of VOUT.
Input pulse characteristics:
Input frequency = 1MHz square wave, 50% duty cycle.
Input amplitude = 0V to 2.1V
Input signal =
tr, tf ≤ 20 nS
Measurement referenced to input High-to-Low Transition. DUT Settling Time to ±0.05 % FS


Similar Part No. - DAC100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LCJ NSC-DAC1000LCJ Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LCN NSC-DAC1000LCN Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1000LJ NSC-DAC1000LJ Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
DAC1001 NSC-DAC1001 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
More results

Similar Description - DAC100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com