Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM625 Datasheet(PDF) 2 Page - Micro Electronics

Part # SM625
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SM625 Datasheet(HTML) 2 Page - Micro Electronics

  SM625 Datasheet HTML 1Page - Micro Electronics SM625 Datasheet HTML 2Page - Micro Electronics SM625 Datasheet HTML 3Page - Micro Electronics SM625 Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM625/SM626/SM627
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1)
150
°C
-65
°C to 150°C
300
°C
Operating Junction Temperature
Hermetic (R Package) ..................................................
Storage Temperature Range .............................
Lead Temperature (Soldering, 10 Seconds) ....................
4.0
°C/W
4.0
°C/W
60.0
°C/W
Thermal Resistance
Power Switch,
θ
J - C ...................................................
Commutating Diode ..................................................
Case to Ambient,
θ
C - A ............................................
Note 1. Exceeding these ratings could cause damage to the device.
R Package:
Thermal Resistance-Junction to Case,
θ
JC .................. 4.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 40°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
SM625
SM626
SM627
Input Voltage, V
4 - 2 .........................................
60V
80V
100V
Output Voltage, V
1 - 2 ......................................
60V
80V
100V
Drive Input Reverse Voltage, V
3 - 4 .................
5V
5V
5V
Output Current, I
1 ..........................................
15A
15A
15A
Drive Current, I
3 .............................................
-0.4A
-0.4A
-0.4A
RECOMMENDED OPERATING CONDITIONS (Note 2)
Operating Ambient Temperature Range
SM6XXR ....................................................... 0
°C to 70°C
SM6XXHRR ........................................... -55
°C to 125°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply for the operating ambient temperature of T
A = 25°C.
Low duty cycle pulse testing tech-
niques are used which maintains junction and case temperatures equal to the ambient temperature.)
I
4 = 7A(-7A), I3 = -30mA (30mA)
I
4 = 15A(-15A), I3 = -30mA (30mA)
I
4 = 7A(-7A)
I
4 = 15A(-15A)
V
4 = Rated input voltage
V
4 = Rated input voltage, TA = 125 °C
V
1 = Rated output voltage
V
1 = Rated output voltage, TA = 125 °C
On-State Voltage (Note 3)
Diode Forward Voltage (Note 3)
Off-State Current
Diode Reverse Current
V
V
V
V
µA
µA
µA
µA
Test Conditions
Parameter
Units
Note 3. Pulse test: Duration = 300
µs, Duty Cycle ≤ 2%.
SM625
SM626
SM627
Input Voltage, V
4 - 2 .........................................
50V
70V
90V
Output Voltage, V
1 - 2 ......................................
50V
70V
90V
Drive Input Reverse Voltage, V
3 - 4 .................
4V
4V
4V
Output Current, I
1 ..........................................
13A
13A
13A
Drive Current, I
3 .............................................
-0.3A
-0.3A
-0.3A
1.5
3.5
1.25
1.75
10
10
SG625/626/627
Min.
Typ. Max.
1.0
2.5
0.85
0.95
0.1
10
1.0
500


Similar Part No. - SM625

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM6250 SMI-SM6250 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
More results

Similar Description - SM625

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM601R MICROSEMI-SM601R Datasheet
66Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com