Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM625R Datasheet(PDF) 4 Page - Micro Electronics

Part # SM625R
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SM625R Datasheet(HTML) 4 Page - Micro Electronics

  SM625R Datasheet HTML 1Page - Micro Electronics SM625R Datasheet HTML 2Page - Micro Electronics SM625R Datasheet HTML 3Page - Micro Electronics SM625R Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM625/SM626/SM627
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. All packages are viewed from the top.
2. Case is electrically isolated.
3. Contact factory for additional screening available.
4-PIN TO-66 METAL CAN
R - PACKAGE
Ambient
Temperature Range
SM625R
0
°C to 70°C
SM625HRR
-55
°C to 125°C
SM626R
0
°C to 70°C
SM626HRR
-55
°C to 125°C
SM627R
0
°C to 70°C
SM627HRR
-55
°C to 125°C
Part No.
Package
Connection Diagram
POSITIVE OUTPUT
POSITIVE INPUT
DRIVE
COMMON
1
23
4
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)


Similar Part No. - SM625R

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM6250 SMI-SM6250 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
More results

Similar Description - SM625R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM601R MICROSEMI-SM601R Datasheet
66Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com