Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SME1400B-10-PCB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SME1400B-10-PCB
Description  Low Cost Broadband Surface Mount Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SME1400B-10-PCB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SME1400B-10-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers SME1400B-10-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers SME1400B-10-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers SME1400B-10-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-433-5649 • e-mail: sales@wj.com • Web site: www.wj.com
September 2000
SME1400B-10
Single-Tone IM Products
Harmonics of fLO
01
2
3
4
5
034
44
46
57
53
1
27
0
33
12
35
28
263
55
56
55
59
59
3
>80
69
>80
68
73
47
4
77
>80
>80
>80
>80
>80
5
>80
>80
>80
>80
>80
>80
LO
RF
LO
RF
IM Prod
Mult
Mult
MHz
MHz
MHz
dB
0
1
1950
2000
2000
27
0
2
1950
1000
2000
63
0
3
1950
700
2100
84
0
4
1950
600
2400
77
0
5
1950
400
2000
80
1
0
2000
1950
2000
34
-1
1
1950
2000
50
0
1
-2
2000
975
50
55
1
-3
2000
650
50
69
1
-4
2000
488
48
90
1
-5
2000
390
50
88
2
0
1000
1950
2000
44
-2
1
550
2000
900
33
2
-2
2000
1975
50
56
2
-3
2000
1317
49
89
2
-4
2000
988
48
90
2
-5
2000
790
50
89
3
0
700
1950
2100
46
-3
1
400
1550
350
12
3
-2
1500
1200
2100
55
3
-3
2000
1983
51
68
-3
4
2200
1700
200
80
3
-5
2000
1190
50
89
4
0
500
1950
2000
57
-4
1
420
2000
320
35
4
-2
800
1200
800
59
4
-3
1100
1200
800
73
4
-4
2000
1987
52
89
-4
5
2075
1700
200
88
5
0
400
1950
2000
53
-5
1
350
1950
200
28
5
-2
700
1200
1100
59
5
-3
1000
1200
1400
47
5
-4
1150
1200
950
86
5
-5
1710
1700
50
88
Test Conditions RF at -10 dBm; LO at +10 dBm
RF harmonics and intermodulation products are referenced
to a desired signal produced by fLO = 2000 MHz and
fRF = 1950 MHz.
LO harmonics are referenced to the LO drive signal.


Similar Part No. - SME1400B-10-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SME1400B-10-PCB WJCI-SME1400B-10-PCB Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results

Similar Description - SME1400B-10-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SME900-17 ETC-SME900-17 Datasheet
2Mb / 4P
   Low Cost Surface Mount Mixer
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com