Selected language     English  ▼


SMAJ7.5A Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. SMAJ7.5A
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
DS19005 Rev. 10 - 2
1 of 4
SMAJ5.0(C)A - SMAJ170(C)A
www.diodes.com
ã Diodes Incorporated
SMAJ5.0(C)A - SMAJ170(C)A
400W SURFACE MOUNT TRANSIENT VOLTAGE
SUPPRESSOR
A
B
C
D
G
H
E
J
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA = 25
°C) (Note 1)
PPK
400
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3)
IFSM
40
A
Steady State Power Dissipation @ TL = 75
°C
PM(AV)
1.0
W
Instantaneous Forward Voltage
@ IPP = 35A
(Notes 1, 2, & 3)
VF
3.5
V
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
·
400W Peak Pulse Power Dissipation
·
5.0V - 170V Standoff Voltages
·
Glass Passivated Die Construction
·
Uni- and Bi-Directional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: SMA, Transfer Molded Epoxy
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Also Available in Lead Free Plating (Matte Tin
Finish). Please see Ordering Information,
Note 5, on Page 4
·
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
·
Marking: Date Code and Marking Code
See Page 3
·
Weight: 0.064 grams (approx.)
·
Ordering Info: See Page 3
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMAJ50CA400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
SMAT70A400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts   1 2 3 4 Surge Components
STBP06ISURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
TFMBG150ASURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 1.0 WATT STEADY STATE 1 2 3 Rectron Semiconductor
SMBG28CASURFACE MOUNT 600 Watt Transient Voltage Suppressor 1 2 3 4 Microsemi Corporation
PJ66K48APOWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Pan Jit International Inc.
SMDJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 List of Unclassifed Manufacturers
STUK06ISURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
1.5KE1500W Surface Mount Transient Voltage Suppressor 1 2 3 4 Weitron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl