Selected language     English  â–Ľ


SMAJ7.5A Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. SMAJ7.5A
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 4 page
background image
DS19005 Rev. 10 - 2
4 of 4
SMAJ5.0(C)A - SMAJ170(C)A
www.diodes.com
XX = Product type marking code (See Page 2)
= Manufacturers’ code marking
YWW=Datecodemarking
Y = Last digit of year ex: 2 for 2002
WW =Weekcode01to52
YWW
XX
Marking Information
Ordering Information
Device
Packaging
Shipping
SMAJXXX(C)A-13
SMA
5000/Tape & Reel
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above.
Example: SMAJ170A-13-F.
(Note 4)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMAJ50CA400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
SMAT70A400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts   1 2 3 4 Surge Components
STBP06ISURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
TFMBG150ASURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 1.0 WATT STEADY STATE 1 2 3 Rectron Semiconductor
SMBG28CASURFACE MOUNT 600 Watt Transient Voltage Suppressor 1 2 3 4 Microsemi Corporation
PJ66K48APOWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Pan Jit International Inc.
SMDJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 List of Unclassifed Manufacturers
STUK06ISURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 EIC discrete Semiconductors
1.5KE1500W Surface Mount Transient Voltage Suppressor 1 2 3 4 Weitron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl