Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD524BD Datasheet(PDF) 6 Page - Analog Devices

Part # AD524BD
Description  Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD524BD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD524BD Datasheet HTML 2Page - Analog Devices AD524BD Datasheet HTML 3Page - Analog Devices AD524BD Datasheet HTML 4Page - Analog Devices AD524BD Datasheet HTML 5Page - Analog Devices AD524BD Datasheet HTML 6Page - Analog Devices AD524BD Datasheet HTML 7Page - Analog Devices AD524BD Datasheet HTML 8Page - Analog Devices AD524BD Datasheet HTML 9Page - Analog Devices AD524BD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD524
Data Sheet
Rev. G | Page 6 of 25
AD524C
AD524S
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CURRENT
Input Bias Current
±15
±50
nA
vs. Temperature
±100
±100
pA/°C
Input Offset Current
±10
±35
nA
vs. Temperature
±100
±100
pA/°C
INPUT
Input Impedance
Differential Resistance
109
109
Differential Capacitance
10
10
pF
Common-Mode Resistance
109
109
Common-Mode Capacitance
10
10
pF
Input Voltage Range
Maximum Differential Input Linear (VDL)2
±10
±10
V
Maximum Common-Mode Linear (VCM)2
 ×
D
V
2
G
V
12
 ×
D
V
2
G
V
12
V
Common-Mode Rejection DC to 60 Hz with 1 kΩ Source Imbalance
V
G = 1
80
70
dB
G = 10
100
90
dB
G = 100
110
100
dB
G = 1000
120
110
dB
OUTPUT RATING
VOUT, RL = 2 kΩ
±10
±10
V
DYNAMIC RESPONSE
Small Signal – 3 dB
G = 1
1
1
MHz
G = 10
400
400
kHz
G = 100
150
150
kHz
G = 1000
25
25
kHz
Slew Rate
5.0
5.0
V/µs
Settling Time to 0.01%, 20 V Step
G = 1 to 100
15
15
µs
G = 1000
75
75
µs
NOISE
Voltage Noise, 1 kHz
RTI
7
7
nV/√Hz
RTO
90
90
nV√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
15
15
µV p-p
G = 10
2
2
µV p-p
G = 100, 1000
0.3
0.3
µV p-p
Current Noise
0.1 Hz to 10 Hz
60
60
pA p-p
SENSE INPUT
RIN
20
20
kΩ ± 20%
IIN
15
15
µA
Voltage Range
±10
±10
V
Gain to Output
1
1
%


Similar Part No. - AD524BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524BD AD-AD524BD Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524BD AD-AD524BD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524BD AD-AD524BD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524BD AD-AD524BD Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524BDZ AD-AD524BDZ Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results

Similar Description - AD524BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com