Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8004ARZ-14-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8004ARZ-14-REEL7
Description  Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8004ARZ-14-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8004ARZ-14-REEL7 Datasheet HTML 3Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 4Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 5Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 6Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 7Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 8Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 9Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 10Page - Analog Devices AD8004ARZ-14-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV.
D
AD8004
–6–
FREQUENCY – MHz
9
–6
–21
1
500
10
40
100
–3
0
3
6
–9
–12
–15
–18
1V rms
G = +2
VS = 5V
RF = 604
TPC 7. Large Signal Frequency Response; VS =
±5.0 V,
G = +2, RF = 604
FREQUENCY – MHz
–50
–100
120
10
–40
–60
–70
–80
–90
G = +2
VO = 2V p-p
RF = 698
2ND
RL = 150
3RD
RL = 150
2ND
RL = 1k
3RD
RL = 1k
TPC 8. Distortion vs. Frequency; VS =
±5 V
FREQUENCY – MHz
1
–4
–9
1
500
10
40
100
–3
–2
–1
0
–5
–6
–7
–8
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
G = +2
VIN = 50mV rms
RL = 100
RF = 1.10k
R PACKAGE
5VS
+5VS
+5VS
5VS
TPC 9. Frequency Response and Flatness, G = +2
FREQUENCY – MHz
3
–12
–27
1
500
10
40
100
–9
–6
–3
0
–15
–18
–21
–24
1V rms
G = +2
VS = +5V
RF = 604
TPC 10. Large Signal Frequency Response; VS = +5.0 V,
G = +2, RF = 604
FREQUENCY – MHz
–40
–70
–100
120
10
–60
–50
–80
–90
G = +2
VO = 2V p-p
RF = 698
2ND
RL = 150
3RD
RL = 150
2ND
RL = 1k
3RD
RL = 1k
TPC 11. Distortion vs. Frequency; VS = +5 V
604
604
50
VOUT
154
154
57.6
VIN
FREQUENCY – MHz
–10
–35
–60
0.1
500
110
100
–30
–25
–20
–15
–40
–45
–50
–55
+5VS
5VS
+5VS
5VS
0.03
TPC 12. CMRR vs. Frequency; VS =
±5 V or +5 V,
VIN = 200 mV rms, Other Sides Are Equal, RTO


Similar Part No. - AD8004ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14 AD-AD8004AR-14 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
More results

Similar Description - AD8004ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com