Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8041AR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8041AR-REEL
Description  160 MHz Rail-to-Rail Amplifier with Disable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8041AR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8041AR-REEL Datasheet HTML 3Page - Analog Devices AD8041AR-REEL Datasheet HTML 4Page - Analog Devices AD8041AR-REEL Datasheet HTML 5Page - Analog Devices AD8041AR-REEL Datasheet HTML 6Page - Analog Devices AD8041AR-REEL Datasheet HTML 7Page - Analog Devices AD8041AR-REEL Datasheet HTML 8Page - Analog Devices AD8041AR-REEL Datasheet HTML 9Page - Analog Devices AD8041AR-REEL Datasheet HTML 10Page - Analog Devices AD8041AR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
REV. B
AD8041
–5–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage ............................................................ 12.6 V
Internal Power Dissipation
2
PDIP Package (N) .................................................... 1.3 W
SOIC Package (R) .................................................... 0.9 W
Input Voltage (Common Mode) ......................................
± V
S
Differential Input Voltage ...........................................
± 3.4 V
Output Short-Circuit Duration
.......................................... Observe Power Derating Curves
Storage Temperature Range N, R .............. –65
°C to +125°C
Operating Temperature Range (A Grade) ... –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) ............... 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for the device in free air:
8-Lead PDIP Package:
θ
JA = 90
°C/W.
8-Lead SOIC Package:
θ
JA = 155
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8041 is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can result
in device failure.
While the AD8041 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE ( C)
2.0
1.5
0
–50
90
–40 –30 –20 –10 0
10
20 30
50
60 70
80
40
1.0
0.5
8-LEAD PDIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
Figure 3. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD8041AN
–40
°C to +85°C
8-Lead PDIP
N-8
AD8041AR
–40
°C to +85°C
8-Lead Plastic SOIC
R-8
AD8041AR-REEL
–40
°C to +85°C
13" Tape and Reel
R-8
AD8041AR-REEL7
–40
°C to +85°C
7" Tape and Reel
R-8
AD8041ARZ-REEL
1
–40
°C to +85°C
13" Tape and Reel
R-8
5962-9683901MPA
2
–55
°C to +125°C
8-Lead CERDIP
Q-8
NOTES
1The Z indicates a lead-free product.
2Refer to official DSCC drawing for tested specifications.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8041 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - AD8041AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041AR-REEL AD-AD8041AR-REEL Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AR-REEL7 AD-AD8041AR-REEL7 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
More results

Similar Description - AD8041AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com