Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB010P04H8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB010P04H8
Description  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB010P04H8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB010P04H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB010P04H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C030H8
Issued Date : 2018.01.26
Revised Date :
Page No. : 2/ 11
MTB010P04H8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
10s
Steady State
Unit
Drain-Source Voltage
VDS
-40
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TC=25
°C, VGS=-12V (Note1)
-49
Continuous Drain Current @ TC=100
°C, VGS=-12V (Note1)
ID
-31
Continuous Drain Current @ TA=25
°C, VGS=-12V (Note2)
-15.5
-11
Continuous Drain Current @ TA=70
°C, VGS=-12V (Note2)
IDSM
-12.4
-8.8
Pulsed Drain Current
(Note3)
IDM
-160
Avalanche Current @ L=0.1mH
IAS
-56
A
Avalanche Energy @ L=1mH, ID=-26A, VDD=-10V (Note4)
EAS
338
mJ
TC=25℃
(Note1)
50
TC=100℃
(Note1)
PD
20
TA=25°C
(Note2)
5.0
2.5
Total Power Dissipation
TA=70°C
(Note2)
PDSM
3.2
1.6
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Typical
Maximum
Unit
Thermal Resistance, Junction-to-case
Rth,j-c
2
2.5
t≤10s
18
25
Thermal Resistance, Junction-to-ambient
(Note2)
Steady State
Rth,j-a
45
50
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design.
3
. Pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and low duty
cycles to keep initial TJ=25°C.
4. 100% tested by conditions of L=100μH, IAS=-10A, VGS=-10V, VDD=-15V
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-40
-
-
VGS=0V, ID=-250μA
VGS(th)
-1
-
-2.5
V
VDS = VGS, ID=-250μA
GFS *1
-
24
-
S
VDS =-10V, ID=-20A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS =-32V, VGS =0V
IDSS
-
-
-25
μA
VDS =-32V, VGS =0V, Tj=85
°C
-
8.3
12.5
VGS =-12V, ID=-15A
RDS(ON) *1
-
12.6
18.0
VGS =-4.5V, ID=-10A


Similar Part No. - MTB010P04H8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB010P04Q8 CYSTEKEC-MTB010P04Q8 Datasheet
446Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB010P04Q8-0-T3-G CYSTEKEC-MTB010P04Q8-0-T3-G Datasheet
446Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB010P04H8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com