Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25CA8 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK25CA8
Description  128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK25CA8 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK25CA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK25CA8
August 1999
6-5
AutoStore™/POWER-UP RECALL
(VCC = 5.0V 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK25CA8
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up
RECALL Duration
550
µsk
23
tSTORE
STORE Cycle Duration
10
ms
g
24
tDELAY
Time Allowed to Complete SRAM Cycle
1
µsg
25
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
26
VRESET
Low Voltage Reset Level
3.9
V
VCC
VSWITCH
VRESET
POWER-UP
RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
24
tDELAY
23
tSTORE
25
26
POWER-UP
RECALL
BROWN OUT
AutoStore™
NO
RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
BROWN OUT
NO
STORE DUE TO
NO SRAM WRITES
NO
RECALL
(VCC DID NOT GO
BELOW VRESET)


Similar Part No. - STK25CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25C48-W ETC-STK25C48-W Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20 ETC-STK25C48-W20 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20I ETC-STK25C48-W20I Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
More results

Similar Description - STK25CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com