Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25CA8-D45 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK25CA8-D45
Description  128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK25CA8-D45 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STK25CA8-D45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25CA8-D45 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STK25CA8
August 1999
6-6
The STK25CA8 is a versatile memory module that
provides two modes of operation. The STK25CA8
can operate as a standard 128K x 8 SRAM. It has a
128K x 8 EEPROM shadow to which the SRAM infor-
mation can be copied, or from which the SRAM can
be updated in nonvolatile mode.
NOISE CONSIDERATIONS
Note that the STK25CA8 is a high-speed memory
and so must have a high frequency bypass capaci-
tor of approximately 0.1
µF connected between V
CC
and V
SS, using leads and traces that are as short as
possible. As with all high-speed CMOS ICs, normal
careful routing of power, ground and signals will help
prevent noise problems.
SRAM READ
The STK25CA8 performs a READ cycle whenever E
and G are low and W is high. The address specified
on pins A
0-16 determines which of the 131,072 data
bytes will be accessed. When the READ is initiated
by an address transition, the outputs will be valid
after a delay of t
AVQV (READ cycle #1). If the READ is
initiated by Eor G, the outputs will be valid at t
ELQV or
at t
GLQV, whichever is later (READ cycle #2). The data
outputs will repeatedly respond to address changes
within the t
AVQV access time without the need for tran-
sitions on any control input pins, and will remain valid
until another address change or until Eor Gis
brought high.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either Eor W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
AutoStore™ OPERATION
The STK25CA8 uses the intrinsic system capaci-
tance to perform an automatic store on power down.
As long as the system power supply takes at least
t
STORE
to decay from V
SWITCH
down to 3.6V the
STK25CA8 will safely and automatically store the
SRAM
data in EEPROM on power down.
In order to prevent unneeded STORE operations,
automatic STOREs will be ignored unless at least
one WRITE operation has taken place since the most
recent STORE or RECALL cycle.
POWER-UP
RECALL
During power up, or after any low-power condition
(V
CC <VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH,a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK25CA8 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The STK25CA8 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP <VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s are inhibited.
LOW AVERAGE ACTIVE POWER
The STK25CA8 draws significantly less current
when it is cycled at times longer than 50ns. If the
chip enable duty cycle is less than 100%, only
standby current is drawn when the chip is disabled.
The
overall
average
current
drawn
by
the
STK25CA8
depends
on
the
following
items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READsto WRITEs; 5) the operating
temperature; 6) the V
CC level; and 7) I/O loading.
DEVICE OPERATION


Similar Part No. - STK25CA8-D45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25C48-W ETC-STK25C48-W Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20 ETC-STK25C48-W20 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
STK25C48-W20I ETC-STK25C48-W20I Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
More results

Similar Description - STK25CA8-D45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com