Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8428K Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA8428K
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8428K Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8428K Datasheet HTML 1Page - Toshiba Semiconductor TA8428K Datasheet HTML 2Page - Toshiba Semiconductor TA8428K Datasheet HTML 3Page - Toshiba Semiconductor TA8428K Datasheet HTML 4Page - Toshiba Semiconductor TA8428K Datasheet HTML 5Page - Toshiba Semiconductor TA8428K Datasheet HTML 6Page - Toshiba Semiconductor TA8428K Datasheet HTML 7Page - Toshiba Semiconductor TA8428K Datasheet HTML 8Page - Toshiba Semiconductor TA8428K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TA8428K(S)/F
2001-06-13
5
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
30
V
Input Voltage
VIN
−0.3~VCC
V
PEAK
IO (PEAK)
3.0 (Note 1)
K (S) type
AVE.
IO (AVE.)
1.5
PEAK
IO (PEAK)
2.4 (Note 1)
Output
Current
F type
AVE.
IO (AVE.)
0.8
A
1.25 (Note 2)
K (S) type
PD
10.0 (Note 3)
1.9 (Note 4)
Power Dissipation
F type
PD
2.5 (Note 5)
W
Operating Temperature
Topr
−30~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: t = 100 ms
Note 2: No heat sink
Note 3: Tc = 85°C
Note 4: This value is obtained by 30 × 30 × 1.6 mm PCB mounting occupied copper area in excess of 60%
Note 5: This value is obtained by 50 × 50 × 1.6 mm PCB mounting occupied copper area in excess of 60%
ELECTRICAL CHARACTERISTICS (VCC = 24 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
Test Condition
MIN
TYP.
MAX
UNIT
ICC1
Stop mode
8
15
ICC2
Forward / reverse mode
35
85
Quiescent Current
ICC3
1
Brake mode
16
30
mA
VIL
0.8
Input Voltage
VIH
2
2.0
V
IIL
VIN = GND
50
Input Current
IIH
2
VIN = VCC
10
µA
K (S) type
IO = 1.5 A, Tc = 25°C
2.2
2.9
Output Saturation
Voltage
F type
Vsat
(total)
3
IO = 0.8 A, Tc = 25°C
1.8
2.5
V
ILU
50
Output Leakage Current
ILL
4
VL = 25 V
50
µA
ILU
2.6
K (S) type
ILL
IF = 1.5 A
1.5
ILU
2.2
Diode Forward Voltage
F type
ILL
4
IF = 0.8 A
1.2
V
Thermal Shutdown Circuit
Operating Temperature
TSD
150
°C
tpLH
2
1
Propagation Delay Time
tpHL
2
1
µs


Similar Part No. - TA8428K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
More results

Similar Description - TA8428K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com