Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5D2HDW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D2HDW
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5D2HDW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TB5D2HDW Datasheet HTML 7Page - Texas Instruments TB5D2HDW Datasheet HTML 8Page - Texas Instruments TB5D2HDW Datasheet HTML 9Page - Texas Instruments TB5D2HDW Datasheet HTML 10Page - Texas Instruments TB5D2HDW Datasheet HTML 11Page - Texas Instruments TB5D2HDW Datasheet HTML 12Page - Texas Instruments TB5D2HDW Datasheet HTML 13Page - Texas Instruments TB5D2HDW Datasheet HTML 14Page - Texas Instruments TB5D2HDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Power dissipation
S(VSn
I
Sn )
(1)
S(VLn
I
Ln )
(2)
T
J + TA ) (PD
q
JA )
(3)
T
J + TA ) (PD
q
JA(S) )
(4)
q
JA(S) +
(q
JC )
q
CA )
(q
JB )
q
BA )
(q
JC )
q
CA )
q
JB )
q
BA )
40
60
80
100
120
140
0
100
200
300
400
500
D, Low−K
DW, Low−K
D, High−K
DW, High−K
Air Flow − LFM
TB5D1M, TB5D2H
SLLS579B – SEPTEMBER 2003 – REVISED MAY 2004
the
device
and
PCB.
JEDEC/EIA
has
defined
standardized test conditions for measuring
θ
JA. Two
commonly used conditions are the low-K and the
The power dissipation rating, often listed as the
high-K
boards,
covered
by
EIA/JESD51-3
and
package dissipation rating, is a function of the ambi-
EIA/JESD51-7 respectively. Figure 14 shows the
ent temperature, TA, and the airflow around the
low-K and high-K values of
θ
JA versus air flow for this
device. This rating correlates with the device's maxi-
device and its package options.
mum junction temperature, sometimes listed in the
The standardized
θ
JA
values may not accurately
absolute maximum ratings tables. The maximum
represent the conditions under which the device is
junction temperature accounts for the processes and
used. This can be due to adjacent devices acting as
materials used to fabricate and package the device,
heat sources or heat sinks, to nonuniform airflow, or
in addition to the desired life expectancy.
to the system PCB having significantly different ther-
There are two common approaches to estimating the
mal characteristics than the standardized test PCBs.
internal die junction temperature, TJ. In both of these
The second method of system thermal analysis is
methods, the device’s internal power dissipation, PD,
more accurate. This calculation uses the power
needs to be calculated. This is done by totaling the
dissipation and ambient temperature, along with two
supply power(s) to arrive at the system power dissi-
device and two system-level parameters:
pation:
θ
JC, the junction-to-case thermal resistance, in
degrees Celsius per watt
θ
JB, the junction-to-board thermal resistance, in
and then subtracting the total power dissipation of the
degrees Celsius per watt
external load(s):
θ
CA, the case-to-ambient thermal resistance, in
degrees Celsius per watt
θ
BA, the board-to-ambient thermal resistance, in
The first TJ calculation uses the power dissipation
degrees Celsius per watt.
and ambient temperature, along with one parameter:
θ
JA,
the junction-to-ambient thermal resistance, in
In this analysis, there are two parallel paths, one
degrees Celsius per watt.
through the case (package) to the ambient, and
another through the device to the PCB to the ambi-
The product of PD and θJA is the junction temperature
ent. The system-level junction-to-ambient thermal im-
rise above the ambient temperature. Therefore:
pedance,
θ
JA(S), is the equivalent parallel impedance
of the two parallel paths:
where
The device parameters
θ
JC and θJB account for the
internal structure of the device. The system-level
parameters
θ
CA and θBA take into account details of
the PCB construction, adjacent electrical and mech-
anical components, and the environmental conditions
including airflow. Finite element (FE), finite difference
(FD), or computational fluid dynamics (CFD) pro-
grams can determine
θ
CA and θBA. Details on using
these programs are beyond the scope of this data
sheet, but are available from the software manufac-
turers.
Figure 14. Thermal Impedance vs Air Flow
Note that
θ
JA is highly dependent on the PCB on
which the device is mounted, and on the airflow over
11


Similar Part No. - TB5D2HDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2HDW TI1-TB5D2HDW Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDW TI1-TB5D2HDW Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDWR TI1-TB5D2HDWR Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDWR TI1-TB5D2HDWR Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D2HDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com