Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5T1DR Datasheet(PDF) 11 Page - Texas Instruments

Part # TB5T1DR
Description  DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5T1DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TB5T1DR Datasheet HTML 7Page - Texas Instruments TB5T1DR Datasheet HTML 8Page - Texas Instruments TB5T1DR Datasheet HTML 9Page - Texas Instruments TB5T1DR Datasheet HTML 10Page - Texas Instruments TB5T1DR Datasheet HTML 11Page - Texas Instruments TB5T1DR Datasheet HTML 12Page - Texas Instruments TB5T1DR Datasheet HTML 13Page - Texas Instruments TB5T1DR Datasheet HTML 14Page - Texas Instruments TB5T1DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
Max
2
3
4
5
6
−50
0
50
100
150
Nom
Min
TA − Free−Air Temperature − 5C
VCC = 5 V
0
0.8
1
1.2
1.4
1.6
−50
0
50
100
150
Max Delay
Min Delay
VCC = 4.5 V to 5.5 V
Load = 100 W
T − Temperature For Driver− 5C
2
3
4
5
6
−50
0
50
100
150
VCC = 5 V
Nom
Min
Max
TA − Free−Air Temperature − 5C
TB5T1
SLLS589B – NOVEMBER 2003 – REVISED MAY 2004
TYPICAL CHARACTERISTICS (continued)
PROPAGATION DELAY TIME tP1 or tP2
LOW-TO-HIGH PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE, DRIVER
FREE-AIR TEMPERATURE, RECEIVER
Figure 14.
Figure 15.
HIGH-TO-LOW PROPAGATION DELAY
vs
FREE-AIR TEMPERATURE, RECEIVER
Figure 16.
11


Similar Part No. - TB5T1DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5T1D TI1-TB5T1D Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
TB5T1DE4 TI1-TB5T1DE4 Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
TB5T1DW TI1-TB5T1DW Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
TB5T1DWR TI1-TB5T1DWR Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
More results

Similar Description - TB5T1DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5T1 TI1-TB5T1_14 Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com