Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MH574FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MH574FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH574FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MH574FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH574FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MH574FK
2001-10-23
5
AC Characteristics (Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
¾
8.5
13.2
1.0
15.5
3.3
± 0.3
50
¾
11.0
16.7
1.0
19.0
15
¾
5.6
8.6
1.0
10.0
Propagation delay time
(CK-Q)
tpLH
tpHL
¾
5.0
± 0.5
50
¾
7.1
10.6
1.0
12.0
ns
15
¾
8.2
12.8
1.0
15.0
3.3
± 0.3
50
¾
10.7
16.3
1.0
18.5
15
¾
5.9
9.0
1.0
10.5
3-state output enable time
tpZL
tpZH
RL = 1 kW
5.0
± 0.5
50
¾
7.4
11.0
1.0
12.5
ns
3.3
± 0.3
50
¾
11.0
15.0
1.0
17.0
3-state output disable time
tpLZ
tpHZ
RL = 1 kW
5.0
± 0.5
50
¾
7.1
10.1
1.0
11.5
ns
15
80
125
¾
65
¾
3.3
± 0.3
50
50
75
¾
45
¾
15
130
180
¾
110
¾
Maximum clock frequency
fmax
¾
5.0
± 0.5
50
85
115
¾
75
¾
MHz
3.3
± 0.3
50
¾
¾
1.5
¾
1.5
Output to output skew
tosLH
tosHL
(Note1)
5.0
± 0.5
50
¾
¾
1.0
¾
1.0
ns
Input capacitance
CIN
¾
¾
4
10
¾
10
pF
Output capacitance
COUT
¾
¾
6
¾
¾
¾
pF
Power dissipation
capacitance
CPD
(Note2)
¾
28
¾
¾
¾
pF
Note1: This parameter is guaranteed by design.
tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|
Note2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per F/F)
And the total CPD when n pcs of latch operate can be gained by the following equation:
CPD (total) = 20 + 8・n


Similar Part No. - TC7MH574FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
TC7MH574FK TOSHIBA-TC7MH574FK_07 Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
More results

Similar Description - TC7MH574FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com