Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920BTH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8920BTH
Description  2 X 100 W class-D power amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920BTH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8920BTH Datasheet HTML 1Page - NXP Semiconductors TDA8920BTH Datasheet HTML 2Page - NXP Semiconductors TDA8920BTH Datasheet HTML 3Page - NXP Semiconductors TDA8920BTH Datasheet HTML 4Page - NXP Semiconductors TDA8920BTH Datasheet HTML 5Page - NXP Semiconductors TDA8920BTH Datasheet HTML 6Page - NXP Semiconductors TDA8920BTH Datasheet HTML 7Page - NXP Semiconductors TDA8920BTH Datasheet HTML 8Page - NXP Semiconductors TDA8920BTH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1.
General description
The TDA8920B is a high efficiency class-D audio power amplifier with very low
dissipation. The typical output power is 2
× 100 W.
The device is available in the HSOP24 power package and in the DBS23P through-hole
power package. The amplifier operates over a wide supply voltage range from
±12.5 V to ±30 V and consumes a very low quiescent current.
2.
Features
s Zero dead time switching
s Advanced current protection: output current limiting
s Smooth start-up: no pop-noise due to DC offset
s High efficiency
s Operating supply voltage from
±12.5 V to ±30 V
s Low quiescent current
s Usable as a stereo Single-Ended (SE) amplifier or as a mono amplifier in Bridge-Tied
Load (BTL)
s Fixed gain of 30 dB in Single-Ended (SE) and 36 dB in Bridge-Tied Load (BTL)
s High output power
s High supply voltage ripple rejection
s Internal switching frequency can be overruled by an external clock
s Full short-circuit proof across load and to supply lines
s Thermally protected.
3.
Applications
s Television sets
s Home-sound sets
s Multimedia systems
s All mains fed audio systems
s Car audio (boosters).
TDA8920B
2
× 100 W class-D power amplifier
Rev. 01 — 1 October 2004
Preliminary data sheet


Similar Part No. - TDA8920BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920CJ NXP-TDA8920CJ Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com