Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6132RGWR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6132RGWR
Description  HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6132RGWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6132RGWR Datasheet HTML 6Page - Texas Instruments THS6132RGWR Datasheet HTML 7Page - Texas Instruments THS6132RGWR Datasheet HTML 8Page - Texas Instruments THS6132RGWR Datasheet HTML 9Page - Texas Instruments THS6132RGWR Datasheet HTML 10Page - Texas Instruments THS6132RGWR Datasheet HTML 11Page - Texas Instruments THS6132RGWR Datasheet HTML 12Page - Texas Instruments THS6132RGWR Datasheet HTML 13Page - Texas Instruments THS6132RGWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
THS6132
SLLS543A – SEPTEMBER 2002 – REVISED FEBRUARY 2003
www.ti.com
10
Figure 14
–7
–6
–5
–4
–3
–2
–1
0
1
2
100 k
1 M
10 M
100 M
VCCH= ±15 V
VCCL= ±5 V
Gain =1
VO = 0.1 Vrms
Rf = 750 Ω
Rl = 25 Ω
Mid Bias
Full Bias
Low Bias
f – Frequency – Hz
SMALL SIGNAL FREQUENCY RESPONSE
Figure 15
–7
–6
–5
–4
–3
–2
–1
0
1
2
VCCH= ±15 V
VCCL= ±5 V
Gain =1
VO = 0.1 Vrms
Rf = 750 Ω
Rl = 100 Ω
Mid Bias
Full Bias
Low Bias
SMALL SIGNAL FREQUENCY RESPONSE
100 k
1 M
10 M
100 M
f – Frequency – Hz
Figure 16
–7
–6
–5
–4
–3
–2
–1
0
1
2
VCCH= ±15 V
VCCL= ±15 V
Gain =1
VO = 0.1 Vrms
Rf = 750 Ω
Rl = 25 Ω
Mid Bias
Full Bias
Low Bias
f – Frequency – Hz
SMALL SIGNAL FREQUENCY RESPONSE
100 k
1 M
10 M
100 M
Figure 17
f – Frequency – Hz
–7
–6
–5
–4
–3
–2
–1
0
1
2
VCCH= ±15 V
VCCL= ±15 V
Gain =1
VO = 0.1 Vrms
Rf = 750 Ω
Rl = 25 Ω
Mid Bias
Full Bias
Low Bias
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY
100 k
1 M
10 M
100 M
Figure 18
f – Frequency – Hz
–1
0
1
2
3
4
5
6
7
8
Low Bias
Mid Bias
Full Bias
VCCH= ±15 V
VCCL= ±5 V
Gain =2
VO = 0.1 Vrms
Rf = 620 Ω
Rl = 100 Ω
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY
100 k
1 M
10 M
100 M
Figure 19
f – Frequency – Hz
–1
0
1
2
3
4
5
6
7
8
Low Bias
Mid Bias
Full Bias
VCCH= ±15 V
VCCL= ±15 V
Gain =2
VO = 0.1 Vrms
Rf = 620 Ω
Rl = 25 Ω
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY
100 k
1 M
10 M
100 M
Figure 20
f – Frequency – Hz
6
7
8
9
10
11
12
13
14
15
100 k
1 M
10 M
100 M
RF = 2 kΩ
RF = 1 kΩ
RF = 500 Ω
VCCH= ±15 V
VCCL= ±5 V
Gain =5
VO = 0.1 Vrms
Rl = 25 Ω
Full Bias
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY
Figure 21
f – Frequency – Hz
6
7
8
9
10
11
12
13
14
15
100 k
1 M
10 M
100 M
RF = 2 kΩ
RF = 1 kΩ
RF = 500 Ω
VCCH= ±15 V
VCCL= ±5 V
Gain =5
VO = 0.1 Vrms
Rl = 25 Ω
Mid Bias
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY
Figure 22
f – Frequency – Hz
6
7
8
9
10
11
12
13
14
15
100 k
1 M
10 M
100 M
RF = 2 kΩ
RF = 1 kΩ
RF = 500 Ω
VCCH= ±15 V
VCCL= ±5 V
Gain =5
VO = 0.1 Vrms
Rl = 25 Ω
Low Bias
SMALL SIGNAL BANDWIDTH
vs
FREQUENCY


Similar Part No. - THS6132RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132RGWR TI1-THS6132RGWR Datasheet
931Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CLASS-G ADSL LINE DRIVER
More results

Similar Description - THS6132RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6132 TI1-THS6132_14 Datasheet
931Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CLASS-G ADSL LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
logo
XFMRS Inc.
0023AD4S XFMRS-0023AD4S Datasheet
61Kb / 1P
   ADSL LINE DRIVER XFMR
XF0053-AD4MS XFMRS-XF0053-AD4MS_15 Datasheet
62Kb / 1P
   ADSL LINE DRIVER XFMR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com