Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCTG5100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLCTG5100
Description  Ultrabright LED, 5 mm Untinted Non-Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCTG5100 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLCTG5100 Datasheet HTML 1Page - Vishay Siliconix TLCTG5100 Datasheet HTML 2Page - Vishay Siliconix TLCTG5100 Datasheet HTML 3Page - Vishay Siliconix TLCTG5100 Datasheet HTML 4Page - Vishay Siliconix TLCTG5100 Datasheet HTML 5Page - Vishay Siliconix TLCTG5100 Datasheet HTML 6Page - Vishay Siliconix TLCTG5100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number 83176
Rev. 1.4, 16-Feb-05
TLCB / R / TG / Y5100
Vishay Semiconductors
Package Dimensions in mm
Figure 13. Relative Intensity vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400 420 440 460 480 500 520 540 560
λ - W avelength ( nm )
16069
Blue
Figure 14. Relative Intensity vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
460 480 500 520 540 560 580 600 620
λ - Wavelength ( nm )
16068
True Green
9612121


Similar Part No. - TLCTG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCTG5200 VISHAY-TLCTG5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
TLCTG5800 VISHAY-TLCTG5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
TLCTG5800 VISHAY-TLCTG5800 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
More results

Similar Description - TLCTG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR5800 VISHAY-TLCR5800_03 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
   Ultrabright LED, 첩 5 mm Untinted Non-Diffused
logo
Vishay Siliconix
TLCW5100 VISHAY-TLCW5100 Datasheet
163Kb / 6P
   Ultrabright White LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 30-Aug-04
TLCX510 VISHAY-TLCX510 Datasheet
163Kb / 13P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
TLCY5800 VISHAY-TLCY5800_V01 Datasheet
147Kb / 7P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCY5200 VISHAY-TLCY5200_V01 Datasheet
532Kb / 5P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY610 VISHAY-TLCY610_V01 Datasheet
186Kb / 7P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com