Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A9407 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67000-A9407
Description  5-V Low-Drop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67000-A9407 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67000-A9407 Datasheet HTML 3Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 4Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 5Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 6Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 7Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 8Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 9Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 10Page - Infineon Technologies AG Q67000-A9407 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet Rev. 1.4
7
2001-10-18
TLE 4290
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
a = 25 °C and
the given supply voltage.
Figure 3
Test Circuit
Power Good switching
threshold
V
Q,pgt-d
3.50
3.65
3.80
V
V
Q decreasing
Power Good output low
voltage
V
PGL
0.2
0.4
V
R
PG ≥ 5kΩ;
V
Q > 1 V
Power Good output
leakage current
I
PGH
02
µA
V
PG > 4.5 V
Power Good charging
current
I
D,c
36
9
µA
V
D = 1 V
Upper timing threshold
V
DU
1.5
1.8
2.2
V
Lower timing threshold
V
DL
0.60
0.85
1.10
V
Power Good delay time
t
rd
10
16
22
ms
C
D = 47 nF
Power Good reaction time
t
rr
0.2
0.5
2.0
µs
C
D = 47 nF
1)
Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C< Tj <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
AES02824
TLE 4290
5
2
GND
I
D
C
I2
100 nF
C
I1
1000 µF
C
D
47 nF
I
D,C
I
I
V
I
I
Q
R
PG
5 k
V
Q
I
GND
V
PG
C
Q
22 µF
Q
PG
I
D
4
1


Similar Part No. - Q67000-A9407

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A940 SIEMENS-Q67000-A940 Datasheet
131Kb / 8P
   LED Driver for Light Spot Displays
More results

Similar Description - Q67000-A9407

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com