Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL42NTGHAJH213 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL42NTGHAJH213
Description  Through Hole Lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42NTGHAJH213 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL42NTGHAJH213 Datasheet HTML 1Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 2Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42NTGHAJH213 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTL42NTGHAJH213
BNS-OD-FC002/A4
Through Hole Lamp
LTL42NTGHAJH213
3. Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
78
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
60
mA
DC Forward Current
20
mA
Derating Linear From 40℃
0.34
mA/°C
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
110
240
520
mcd
IF = 10mA
Note 1,5
Viewing Angle
2θ1/2
100
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
518
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
520
525
530
nm
IF = 10mA
Note 4
Spectral Line Half-Width
Δλ
35
nm
Forward Voltage
VF
2.5
3.1
3.8
V
IF = 10mA
Reverse Current
IR
100
μA
VR = 5V
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The d
ominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
5. Iv guarantee must be included with ±15% testing tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.


Similar Part No. - LTL42NTGHAJH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL42NDA6KLCP LITEON-LTL42NDA6KLCP Datasheet
367Kb / 10P
   Through Hole Lamp
LTL42NKFKNN LITEON-LTL42NKFKNN Datasheet
597Kb / 11P
   Through Hole Lamp
LTL42NKFKNN LITEON-LTL42NKFKNN Datasheet
601Kb / 11P
   Through Hole Lamp
LTL42NKGT LITEON-LTL42NKGT Datasheet
534Kb / 11P
   Through Hole Lamp
LTL42NKGT-002A LITEON-LTL42NKGT-002A Datasheet
1Mb / 11P
   Through Hole Lamp
More results

Similar Description - LTL42NTGHAJH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com