Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL42TG6NH213 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL42TG6NH213
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42TG6NH213 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL42TG6NH213 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 9Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 10Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications).Consult Liteon’s Sales in advance for information on
applications in which exceptional reliability is required, particularly when the failure or malfunction of the
LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment,
medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are used within three months.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in
a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens.
Do not use the base of the lead frame as a fulcrum during forming.
Lead forming must be done before soldering, at normal temperature.
During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens/Holder to the soldering point.
Dipping the lens/Holder into the solder must be avoided.
Do not apply any external stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering conditions :
Soldering iron
Wave soldering
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
5 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED/Holder or
catastrophic failure of the CBI. IR(Hot air) re-flow is not suitable process for through hole type LED lamp
production. Max. temperature of wave soldering is not mean that Holder’s HDT/Melting temperature.
Part No. : LTL42TG6NH213
Page :
7
of
10
BNS-OD-C131/A4


Similar Part No. - LTL42TG6NH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL42TG6N LITEON-LTL42TG6N Datasheet
445Kb / 11P
   Through Hole Lamp
LTL42TG6NJLCH240 LITEON-LTL42TG6NJLCH240 Datasheet
423Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH252 LITEON-LTL42TG6NJLCH252 Datasheet
445Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH61 LITEON-LTL42TG6NJLCH61 Datasheet
560Kb / 10P
   Through Hole Lamp
More results

Similar Description - LTL42TG6NH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com