Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL42TG6NH213 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTL42TG6NH213
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42TG6NH213 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTL42TG6NH213 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 9Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 10Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
 Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
 All devices, equipment, and machinery must be properly grounded
 Work tables, storage racks, etc. should be properly grounded
 Use ion blower to neutralize the static charge which might have built up on surface of the LEDs
plastic lens as a result of friction between LEDs during storage and handing
Part No. : LTL42TG6NH213
Page :
8 of
10
BNS-OD-C131/A4


Similar Part No. - LTL42TG6NH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL42TG6N LITEON-LTL42TG6N Datasheet
445Kb / 11P
   Through Hole Lamp
LTL42TG6NJLCH240 LITEON-LTL42TG6NJLCH240 Datasheet
423Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH252 LITEON-LTL42TG6NJLCH252 Datasheet
445Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH61 LITEON-LTL42TG6NJLCH61 Datasheet
560Kb / 10P
   Through Hole Lamp
More results

Similar Description - LTL42TG6NH213

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com