Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-307Y08A-D Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-307Y08A-D
Description  Through Hole Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-307Y08A-D Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-307Y08A-D Datasheet HTML 1Page - Lite-On Technology Corporation LTL-307Y08A-D Datasheet HTML 2Page - Lite-On Technology Corporation LTL-307Y08A-D Datasheet HTML 3Page - Lite-On Technology Corporation LTL-307Y08A-D Datasheet HTML 4Page - Lite-On Technology Corporation LTL-307Y08A-D Datasheet HTML 5Page - Lite-On Technology Corporation LTL-307Y08A-D Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L I T E - O N
E L E C T R O N I C S , I N C .
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
60
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
mA
Continuous Forward Current
20
mA
Derating Linear From 50℃
0.25
mA/℃
Reverse Voltage
5
V
Operating Temperature Range
-55℃ to + 100℃
Storage Temperature Range
-55℃ to + 100℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260℃ for 5 Seconds
Part No. : LTL-307Y08A-D
Page :
2
of
5
BNS-OD-C131/A4


Similar Part No. - LTL-307Y08A-D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-307Y LITEON-LTL-307Y Datasheet
465Kb / 7P
   Property of Lite-On Only
LTL-307Y-002 LITEON-LTL-307Y-002 Datasheet
242Kb / 5P
   Property of Lite-On Only
LTL-307Y-011A LITEON-LTL-307Y-011A Datasheet
243Kb / 5P
   Property of Lite-On Only
LTL-307Y-012 LITEON-LTL-307Y-012 Datasheet
242Kb / 5P
   Property of Lite-On Only
LTL-307Y-041A LITEON-LTL-307Y-041A Datasheet
245Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTL-307Y08A-D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com