Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-403G Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL-403G
Description  Through Hole Lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-403G Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL-403G Datasheet HTML 1Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 2Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 3Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 4Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 5Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 6Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 7Page - Lite-On Technology Corporation LTL-403G Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
1.1
3.7
mcd
IF = 10mA
Note 1,4
Viewing Angle
1/2
104
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
565
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
569
nm
Note 3
Spectral Line Half-Width
Δλ
30
nm
Forward Voltage
VF
2.1
2.6
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
Capacitance
C
35
pF
VF = 0 , f = 1MHz
Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
(Commission International De L'Eclairage) eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. The Iv guarantee should be added ±15% .
Part No. : LTL-403G
Page :
3
of
7
BNS-OD-C131/A4


Similar Part No. - LTL-403G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-403G-DL LITEON-LTL-403G-DL Datasheet
631Kb / 11P
   Through Hole Lamp
More results

Similar Description - LTL-403G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com