Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7047-15 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7047-15
Description  15 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-15 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7047-15_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-15_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-15_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7047-15_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
15 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body Rated to 2 Watts Up to 12.4 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 15 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body Rated to 2 Watts
Up to 12.4 GHz
PE7047-15
URL:
http://www.pasternack.com/15db-fixed-n-male-n-female-2-watts-attenuator-pe7047-15-p.aspx
PE7047-15 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7047-15
15 dB Fixed Attenuator, N Male to N Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 12.4 GHz


Similar Part No. - PE7047-15_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-15 PASTERNACK-PE7047-15 Datasheet
219Kb / 3P
   15 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results

Similar Description - PE7047-15_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-15 PASTERNACK-PE7004-15_16 Datasheet
241Kb / 4P
   15 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
   4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
   9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com