Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46169 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46169
Description  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46169 Datasheet HTML 1Page - Dialog Semiconductor SLG46169 Datasheet HTML 2Page - Dialog Semiconductor SLG46169 Datasheet HTML 3Page - Dialog Semiconductor SLG46169 Datasheet HTML 4Page - Dialog Semiconductor SLG46169 Datasheet HTML 5Page - Dialog Semiconductor SLG46169 Datasheet HTML 6Page - Dialog Semiconductor SLG46169 Datasheet HTML 7Page - Dialog Semiconductor SLG46169 Datasheet HTML 8Page - Dialog Semiconductor SLG46169 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
Silego Technology, Inc.
Rev 1.05
000-0046169-105
Revised December 4, 2017
GreenPAK
Programmable Mixed-signal Matrix
SLG46169
Block Diagram
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8 V (±5%) to 5 V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• 14-pin STQFN: 2 x 2.2 x 0.55 mm, 0.4 mm pitch
Applications
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Data Communications Equipment
• Handheld and Portable Electronics
Pin Configuration
GND
GPIO
GPIO
GPIO
GPIO
2
3
49
10
11
GPI
VDD
1
14-pin STQFN
(Top View)
GPIO
8
67
14
13
GPIO
GPIO
5
12
3-bit
LUT3_8 or
Pipe Delay
Vref
Programmable
Delay
RC Oscillator
Pin 5
GPIO
Pin 1
VDD
Pin 2
GPI
Pin 3
GPIO
Pin 4
GPIO
Pin 14
GPIO
Pin 13
GPIO
Pin 6
GPIO
Pin 7
GPIO
Pin 8
GPIO
Pin 12
GPIO
Pin 11
GPIO
Pin 10
GPIO
Pin 9
GND
INV_0
ACMP0
ACMP1
FILTER_0
INV_1
Additional Logic Functions
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT4
CNT1
CNT5
CNT6
2-bit
LUT2_4
3-bit
LUT3_0
2-bit
LUT2_5
3-bit
LUT3_1
3-bit
LUT3_5
3-bit
LUT3_4
3-bit
LUT3_6
3-bit
LUT3_9
3-bit
LUT3_7
Combination Function Macrocells
2-bit
LUT2_0
or DFF4
2-bit
LUT2_2
or DFF6
2-bit
LUT2_1
or DFF5
2-bit
LUT2_3
or DFF7
3-bit
LUT3_3
or DFF3
3bit
LUT3_2
or DFF2
4-bit
LUT4_1
or CNT3
4-bit
LUT4_0
or CNT2
FILTER_1


Similar Part No. - SLG46169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Similar Description - SLG46169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com