Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46400 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 25Page - Dialog Semiconductor SLG46400 Datasheet HTML 26Page - Dialog Semiconductor SLG46400 Datasheet HTML 27Page - Dialog Semiconductor SLG46400 Datasheet HTML 28Page - Dialog Semiconductor SLG46400 Datasheet HTML 29Page - Dialog Semiconductor SLG46400 Datasheet HTML 30Page - Dialog Semiconductor SLG46400 Datasheet HTML 31Page - Dialog Semiconductor SLG46400 Datasheet HTML 32Page - Dialog Semiconductor SLG46400 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
000-0046400-109
Page 23 of 89
SLG46400
9.6 ADC Reference Voltage
The ADC’s reference voltage (VREF) is controlled by ADC_Vref_sel (reg <720:719>) and the ADC_DAC_Vref (reg <713>). See
the Table 12 for reference. For optimal ADC performance, the Ext_Vref value should not be greater than 1.0V. The three reference
voltage inputs are chosen from the following:
Bandgap voltage (VBG) of 1V or 0.778V from Internal Source
1x or 2x External User Defined Voltage Source (PIN 11)
Power Divider of (0.25 or 0.5) * VDD
9.7 ADC Power Down Select Mode
The ADC’s power down source is selected by reg <815:814> (shared with the PWM and OSC). When reg <815:814> = ‘01’, the
ADC power down is controlled by reg <813>, where if reg <813> = ‘0’, ADC is powered down, and if reg <813> = ‘1’, ADC operates
normally. Otherwise the ADC power down is controlled by the connection matrix output 3 signal where a value of “1” will drive the
ADC and the PGA to power down mode. The SLG46400 also has a slow/fast power on mode feature controlled by reg<715>.
When reg<715> = 0, the ADC is in slow power on mode and the entire analog block is controlled by connection matrix output 3.
When reg<715> = 1, ADC is in fast power on mode, where only the ADC will be controlled by connection matrix output 3 and the
analog block will remain on. With this feature, the first ADC power on (with the rest of the analog block) will be approximately
20
μs; the next power cycle the ADC power on (ADC only) time is <1ns.
9.8 ADC Clock Source
The ADC clock source comes from either the internal RC Oscillator (CLK4ADC/64) or an external clock from PIN 5. The selection
is made from the ADC_clk_sel signal via reg <737> where:
The RC Oscillator is used when the ADC_clk_sel is “0”
An external clock from PIN 5 is used when the ADC_clk_sel is “1”
The ADC requires 16 clock cycles to sample the analog voltage and output the sampled data.
When the internal RC Oscillator is used for providing timing to the ADC, a total of 1024 clock cycles are needed since the
CLK4ADC
signal is also divided by 64.
Figure 5. ADC Reference Voltage
Bandgap (1V or 0.778V)
1x or 2x Ext. Vref (PIN 11)
VDD *(0.25 or 0.5)
10
00
01
reg <720:719>
VREF
Table 12. ADC Reference Voltage.
reg <720:719>
VREF
reg <713> = 0
reg <713> = 1
00
VBG (1V)
VBG (0.778V)
01
2x Ext_Vref (PIN 11) 1x Ext_Vref (PIN 11)
10
Power Divider
(0.5 * VDD)
Power Divider
(0.25 * VDD)
11
N/A
N/A
Figure 6. ADC Clock Source
1
0
EXT. CLK (PIN 5)
CLK4ADC/64
reg <737>
CLK


Similar Part No. - SLG46400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Similar Description - SLG46400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com