Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46533 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # SLG46533
Description  GreenPAK Programmable Mixed-signal Matrix
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button SLG46533 Datasheet HTML 69Page - Dialog Semiconductor SLG46533 Datasheet HTML 70Page - Dialog Semiconductor SLG46533 Datasheet HTML 71Page - Dialog Semiconductor SLG46533 Datasheet HTML 72Page - Dialog Semiconductor SLG46533 Datasheet HTML 73Page - Dialog Semiconductor SLG46533 Datasheet HTML 74Page - Dialog Semiconductor SLG46533 Datasheet HTML 75Page - Dialog Semiconductor SLG46533 Datasheet HTML 76Page - Dialog Semiconductor SLG46533 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 185 page
background image
SLG46533_DS_114
Page 72 of 184
SLG46533
9.4 3-Bit LUT or Pipe Delay Macrocell
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay.
When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single
output, which goes back into the connection matrix.
When used as a pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK) and Reset (nRST). The pipe
delay cell is built from 16 D Flip-Flop logic cells that provide the three output options, two of which are user selectable. The DFF
cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell. The first delay option is fixed at the output
of the first flip-flop stage. The other two outputs (OUT0 and OUT1) provide user selectable options for 1 – 16 stages of delay
There are delay output points for each set of the OUT0 and OUT1 outputs to a 16-input mux that is controlled by reg <1259:1256>
for OUT0 and reg <1263:1260> for OUT1. The 16-input mux is used to select the amount of delay.
The overall time of the delay is based on the clock used in the SLG46533 design. Each DFF cell has a time delay of the inverse
of the clock time (either external clock or the RC Oscillator within the SLG46533). The sum of the number of DFF cells used will
be the total time delay of the Pipe Delay logic cell.
Note: CLK is rising edge triggered.
Figure 28. 3-bit LUT10 or Pipe Delay
3-bit LUT10 OUT
IN1
IN0
From Connection
Matrix Output <98>
From Connection
Matrix Output <99>
IN2
From Connection
Matrix Output <100>
16 Flip-Flops
nRST
IN
CLK
From Connection
Matrix Output <98>
From Connection
Matrix Output <99>
From Connection
Matrix Output <100>
reg <1263:1260>
reg <1259:1256>
To Connection
Matrix Input<26>
To Connection
Matrix Input <25>
OUT1
OUT0
reg <1271>
To Connection
Matrix Input <24>
1 Pipe OUT
S0
S1
S0
S1
LUT Truth
Table
reg <1263:1256>
reg <1270>


Similar Part No. - SLG46533

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46533 RENESAS-SLG46533 Datasheet
2Mb / 190P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results

Similar Description - SLG46533

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com