Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46533 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # SLG46533
Description  GreenPAK Programmable Mixed-signal Matrix
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button SLG46533 Datasheet HTML 6Page - Dialog Semiconductor SLG46533 Datasheet HTML 7Page - Dialog Semiconductor SLG46533 Datasheet HTML 8Page - Dialog Semiconductor SLG46533 Datasheet HTML 9Page - Dialog Semiconductor SLG46533 Datasheet HTML 10Page - Dialog Semiconductor SLG46533 Datasheet HTML 11Page - Dialog Semiconductor SLG46533 Datasheet HTML 12Page - Dialog Semiconductor SLG46533 Datasheet HTML 13Page - Dialog Semiconductor SLG46533 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 185 page
background image
SLG46533_DS_114
Page 9 of 184
SLG46533
5.0 Electrical Specifications
5.1 Absolute Maximum Conditions
5.2 Electrical Characteristics (1.8 V ±5% VDD)
Parameter
Min.
Max.
Unit
Supply voltage on VDD relative to GND
-0.5
7
V
DC Input voltage
GND - 0.5
VDD + 0.5
V
Maximum Average or DC Current
(Through pin)
Push-Pull 1x
--
11
mA
Push-Pull 2x
--
16
OD 1x
--
11
OD 2x
--
21
OD 4x
--
43
Current at Input Pin
-1.0
1.0
mA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Moisture Sensitivity Level
1
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.71
1.80
1.89
V
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VACMP
ACMP Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
Logic Input
1.06
--
VDD
V
Logic Input with Schmitt Trigger
1.28
--
VDD
V
Low-Level Logic Input
0.94
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
0
--
0.76
V
Logic Input with Schmitt Trigger
0
--
0.49
V
Low-Level Logic Input
0
--
0.52
V
VHYS
Schmitt Trigger Hysteresis
Voltage
Logic Input with Schmitt Trigger
0.10
0.41
0.66
V
ILKG
Input leakage
(Absolute Value)
--
1
1000
nA
VOH
HIGH-Level Output Voltage
Push-Pull, IOH = 100 A, 1X Drive
1.69
1.79
--
V
PMOS OD, IOH = 100 A, 1X Drive
1.69
1.79
--
V
Push-Pull, IOH = 100 A, 2X Drive
1.70
1.79
--
V
PMOS OD, IOH = 100 A, 2X Drive
1.70
1.79
--
V


Similar Part No. - SLG46533

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46533 RENESAS-SLG46533 Datasheet
2Mb / 190P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results

Similar Description - SLG46533

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com