Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46534 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 65Page - Dialog Semiconductor SLG46534 Datasheet HTML 66Page - Dialog Semiconductor SLG46534 Datasheet HTML 67Page - Dialog Semiconductor SLG46534 Datasheet HTML 68Page - Dialog Semiconductor SLG46534 Datasheet HTML 69Page - Dialog Semiconductor SLG46534 Datasheet HTML 70Page - Dialog Semiconductor SLG46534 Datasheet HTML 71Page - Dialog Semiconductor SLG46534 Datasheet HTML 72Page - Dialog Semiconductor SLG46534 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 172 page
background image
SLG46534_DS_107
Page 68 of 171
SLG46534
9.6.3 3-Bit LUT or 8-Bit Counter / Delay Macrocells Used as 8-Bit Counter / Delay Register Settings
Table 61. CNT/DLY2 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_5 or
Counter2 Select
reg<1198>
0: LUT3_5
1: Counter2
Delay2 Mode Select
or asynchronous
counter reset
reg<1273:1272> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay2
Clock Source Select
reg<1276:1274> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter1 Overflow
Counter/delay2
Output Selection for
Counter mode
reg<1277>
0: Default Output
1: Edge Detector Output
Counter/delay2
Mode Selection
reg<1279:1278> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay2
Control Data
reg<1543:1536> 1 – 255
Table 62. CNT/DLY3 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_6 or
Counter3 Select
reg<1197>
0: LUT3_6
1: Counter3
Delay3 Mode Select
or asynchronous
counter reset
reg<1281:1280> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay3
Clock Source Select
reg<1284:1282> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter2 Overflow
Counter/delay3
Output Selection for
Counter mode
reg<1285>
0: Default Output
1: Edge Detector Output
Counter/delay2
Mode Selection
reg<1287:1286> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay3
Control Data
reg<1551:1544> 1 – 255


Similar Part No. - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Similar Description - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com