Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46534 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 8Page - Dialog Semiconductor SLG46534 Datasheet HTML 9Page - Dialog Semiconductor SLG46534 Datasheet HTML 10Page - Dialog Semiconductor SLG46534 Datasheet HTML 11Page - Dialog Semiconductor SLG46534 Datasheet HTML 12Page - Dialog Semiconductor SLG46534 Datasheet HTML 13Page - Dialog Semiconductor SLG46534 Datasheet HTML 14Page - Dialog Semiconductor SLG46534 Datasheet HTML 15Page - Dialog Semiconductor SLG46534 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 172 page
background image
SLG46534_DS_107
Page 11 of 171
SLG46534
5.7 IDD Estimator
tst_out
Asynchronous State Machine
Output Transition Time
VDD = 1.8 V ± 5 %
--
--
165
ns
VDD = 3.3 V ± 10%
70
VDD = 5.0 V ± 10 %
--
46
tst_pulse
Asynchronous State Machine
Input Pulse Acceptance Time
VDD = 1.8 V ± 5 %
29
--
--
ns
VDD = 3.3 V ± 10%
14
VDD = 5.0 V ± 10 %
9.2
--
tst_comp
Asynchronous State Machine
Input Compete Time
VDD = 1.8 V ± 5 %
--
--
29
ns
VDD = 3.3 V ± 10%
14
VDD = 5.0 V ± 10 %
--
10
Table 1. Typical Current Estimated for Each Macrocell at T=25°C
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
I
Current
Chip Quiescent
0.45
0.75
1.12
A
OSC 2 MHz, predivide = 1
41.48
64.00
94.89
A
OSC 2 MHz, predivide = 8
25.68
32.41
43.22
A
OSC 25 kHz, predivide = 1
7.16
7.94
9.25
A
OSC 25 kHz, predivide = 8
6.97
7.60
8.68
A
OSC 25 MHz, predivide = 1
87.25
238.27
428.66
A
OSC 25 MHz, predivide = 8
78.01
212.45
390.17
A
ACMP (each)
54.96
52.64
60.81
A
ACMP with buffer (each)
75.06
72.74
81.25
A
Vref (each)
49.70
47.32
55.60
A
Vref with Buffer (each)
71.93
71.27
79.62
A
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit


Similar Part No. - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Similar Description - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com