Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2217-25KTPR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2217-25KTPR
Description  LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217-25KTPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2217-25KTPR Datasheet HTML 3Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 4Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 5Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 6Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 7Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 8Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 9Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 10Page - Texas Instruments TLV2217-25KTPR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TLV2217-25KTPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217-25KTPR TI-TLV2217-25KTPR Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-25KTPRG3 TI-TLV2217-25KTPRG3 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
More results

Similar Description - TLV2217-25KTPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com