Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAA3528AVU-ARBGS-112 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # AAA3528AVU-ARBGS-112
Description  SINGLE LEVEL SURFACE MOUNT CBI
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAA3528AVU-ARBGS-112 Datasheet(HTML) 4 Page - Kingbright Corporation

  AAA3528AVU-ARBGS-112 Datasheet HTML 1Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 2Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 3Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 4Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 5Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 6Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 7Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 8Page - Kingbright Corporation AAA3528AVU-ARBGS-112 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SPEC NO: DSAN8418
REV NO: V.4B
DATE: JUN/27/2017
PAGE: 4 OF 9
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.T.Zhang
ERP: 1102015357
Blue
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C


Similar Part No. - AAA3528AVU-ARBGS-112

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-AESGCT KINGBRIGHT-AAA3528AVU-AESGCT Datasheet
365Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-AYSGCT KINGBRIGHT-AAA3528AVU-AYSGCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
More results

Similar Description - AAA3528AVU-ARBGS-112

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3528AVU-SURKCGKCT KINGBRIGHT-AAA3528AVU-SURKCGKCT Datasheet
368Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AYS KINGBRIGHT-AA3528AVU-AYS Datasheet
316Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ANSGCT KINGBRIGHT-AAA3528AVU-ANSGCT Datasheet
350Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASURKQBDS KINGBRIGHT-AAA3528AVU-ASURKQBDS Datasheet
364Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-AZGKSYKCT KINGBRIGHT-AAA3528AVU-AZGKSYKCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-AQBS-D KINGBRIGHT-AA3528AVU-AQBS-D Datasheet
348Kb / 5P
   Single Level Surface Mount CBI
AAA3528AVU-AYSGCT KINGBRIGHT-AAA3528AVU-AYSGCT Datasheet
354Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AAA3528AVU-ASYKCGKCT KINGBRIGHT-AAA3528AVU-ASYKCGKCT Datasheet
349Kb / 8P
   SINGLE LEVEL SURFACE MOUNT CBI
AA3528AVU-ASRS KINGBRIGHT-AA3528AVU-ASRS Datasheet
314Kb / 7P
   Single Level Surface Mount CBI
AA3528AVU-ACGSK KINGBRIGHT-AA3528AVU-ACGSK Datasheet
320Kb / 7P
   SINGLE LEVEL SURFACE MOUNT CBI
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com