Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121AIDBVT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP121AIDBVT
Description  1.5C Accurate Digital Temperature Sensor with SPI Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP121AIDBVT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  TMP121AIDBVT Datasheet HTML 1Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 2Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 3Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 4Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 5Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 6Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and V+ = 2.7V to 5.5V, unless otherwise noted.
TMP121, TMP123
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (temperature error)
−25
°C to +85°C
±0.5
±1.5
°C
−40
°C to +125°C
±1.0
±2.0
°C
−40
°C to +150°C
±1.5
°C
vs Supply
−0.3
0.1
+0.3
°C/V
Resolution
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
V
VIL
0.3(V+)
V
Input Current, SO, SCK, CS
IIN
0V
≤ VIN ≤ V+
±1
µA
Output Logic Levels:
VOL SO
ISINK = 3mA
0.4
V
VOH SO
ISOURCE = 2mA
(V+)−0.4
V
Resolution
12
Bits
Input Capacitance, SO, SCK, CS
2.5
pF
Conversion Time
12-Bit
240
320
ms
Conversion Period(1)
12-Bit
480
640
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
35
50
µA
Shutdown Current (TMP121)
ISD
Serial Bus Inactive
0.1
1
µA
Shutdown Current (TMP123)
ISD
Serial Bus Inactive
0.1
3
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+150
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
SOT23-6 Surface-Mount
200
°C/W
(1) Period indicates time between conversion starts.


Similar Part No. - TMP121AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP121AIDBVT TI-TMP121AIDBVT Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - TMP121AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com