Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121AIDBVT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP121AIDBVT
Description  1.5C Accurate Digital Temperature Sensor with SPI Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP121AIDBVT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TMP121AIDBVT Datasheet HTML 1Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 2Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 3Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 4Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 5Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 6Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) TMP121AIDBVT Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
5
APPLICATIONS INFORMATION
The TMP121 and TMP123 are 12-bit plus sign read-only
digital
temperature
sensors
optimal
for
thermal
management and thermal protection applications. The
TMP121 and the TMP123 communicate through a serial
interface that is SPI-compatible. Temperature is converted
to a 12-bit plus sign data word with 0.0625
°C resolution.
The TMP121 and TMP123 are specified for a temperature
range of −40
°C to +125°C, with operation extending from
−55
°C to +150°C.
The TMP121 and TMP123 are optimal for low power
applications, with a 0.5s conversion period for reduced
power consumption. The TMP121 and TMP123 are
specified for a supply voltage range of 2.7V to 5.5V, and
also feature a hardware shutdown to provide additional
power savings.
The
TMP121
and
TMP123
require
no
external
components for operation, though a 0.1
µF supply bypass
capacitor is recommended. Figure 1 shows typical
connections for the TMP121 and TMP123.
TMP121
0.1
µF
V+
GND
2
5
1
3
CS
NC(1)
4
6
SCK
SO
TMP123
0.1
µF
V+
GND
1
5
2
3
CS
NC = No Connection
NC(1)
4
6
SCK
SO
NOTE: (1) Pins labeled NC should be left floating or connected to GND.
Figure 1. Typical Connections of the TMP121 and
TMP123
The sensing device of both the TMP121 and TMP123 is
the chip itself; the die flag of the lead frame is thermally
connected to pin 2 of the TMP121, and of the TMP123.
Thermal paths run through the package leads as well as
the plastic package, and the lower thermal resistance of
metal causes the leads to provide the primary thermal
path. The GND pin (pin 2) of the TMP121 and the NC pin
(pin 2) of the TMP123 are thermally connected to the metal
lead frame, and are the best choice for thermal input.
To maintain accuracy in applications requiring air or
surface temperature measurement, care should be taken
to isolate the package and leads from ambient air
temperature.
TEMPERATURE REGISTER
The Temperature Register of the TMP121 and TMP123 is
a 16-bit, signed read-only register that stores the output of
the most recent conversion. Up to 16 bits can be read to
obtain data and are described in Table 1. The first 13 bits
are used to indicate temperature with bits D2 = 0, and D1,
D0 in a high impedance state. Data format for temperature
is summarized in Table 2. Following power-up or reset, the
Temperature Register will read 0
°C until the first
conversion is complete.
D15
D14
D13
D12
D11
D10
D9
D8
T12
T11
T10
T9
T8
T7
T6
T5
D7
D6
D5
D4
D3
D2
D1
D0
T4
T3
T2
T1
T0
0
Z
Z
Table 1. Temperature Register
TEMPERATURE
(
°C)
DIGITAL OUTPUT(1)
(BINARY)
HEX
150
0100 1011 0000 0000
4B00
125
0011 1110 1000 0000
3E80
25
0000 1100 1000 0000
0C80
0.0625
0000 0000 0000 1000
0008
0
0000 0000 0000 0000
0000
−0.0625
1111 1111 1111 1000
FFF8
−25
1111 0011 1000 0000
F380
−55
1110 0100 1000 0000
E480
(1) The last two bits are high impedance and are shown as 00 in the
table.
Table 2. Temperature Data Format
COMMUNICATING WITH THE TMP121
The
TMP121
and
TMP123
continuously
convert
temperatures to digital data while CS is high. CS must be
high for a minimum of one conversion time (320ms max)
to update the temperature data. Reading temperature data
from the TMP121 and TMP123 is initiated by pulling CS
low, which will cause any conversion in progress to
terminate, and place the device into analog shutdown.
Quiescent current is reduced to 1
µA during analog
shutdown. Once CS is pulled low, temperature data from
the last completed conversion prior to dropping CS is
latched into the shift register and clocked out at SO on the
falling SCK edge. The 16-bit data word is clocked out sign
bit first, followed by the MSB. Any portion of the 16-bit word
can be read before raising CS. The TMP121 and TMP123
typically require 0.25s to complete a conversion and
consume 50
µA of current during this period. If CS is held
high for longer than one conversion time period the
TMP121 and TMP123 will go into idle mode for 0.25s,
requiring only 20
µA of current. A new conversion begins
every 0.5s. Figure 2 describes the conversion timing for
the TMP121 and TMP123.


Similar Part No. - TMP121AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP121AIDBVT TI-TMP121AIDBVT Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - TMP121AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com