Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APB3025SEKCGKC-F01 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APB3025SEKCGKC-F01
Description  3.0 x 2.5 mm Surface Mount LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APB3025SEKCGKC-F01 Datasheet(HTML) 4 Page - Kingbright Corporation

  APB3025SEKCGKC-F01 Datasheet HTML 1Page - Kingbright Corporation APB3025SEKCGKC-F01 Datasheet HTML 2Page - Kingbright Corporation APB3025SEKCGKC-F01 Datasheet HTML 3Page - Kingbright Corporation APB3025SEKCGKC-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO9650 / 1203004922 Rev No: V.2A Date: 08/14/2017
Page 4 / 4
APB3025SEKCGKC-F01
TECHNICAL DATA
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
PACKING & LABEL SPECIFICATIONS
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
PRECAUTIONARY NOTES
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to
the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If
customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening
liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - APB3025SEKCGKC-F01

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APB3025SEKCGKC-F01 TO-GRACE-APB3025SEKCGKC-F01 Datasheet
979Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
More results

Similar Description - APB3025SEKCGKC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBL3025SYKCGKC-F01 KINGBRIGHT-APBL3025SYKCGKC-F01 Datasheet
309Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APBL3025SURKZGKC TO-GRACE-APBL3025SURKZGKC Datasheet
920Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APB3025YSGC-F01 TO-GRACE-APB3025YSGC-F01 Datasheet
969Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APBL3025SYKCGKC-F01 TO-GRACE-APBL3025SYKCGKC-F01 Datasheet
944Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
KPB-3025ESGC TO-GRACE-KPB-3025ESGC Datasheet
903Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
logo
Kingbright Corporation
APB3025SYKCGKC-F01 KINGBRIGHT-APB3025SYKCGKC-F01 Datasheet
307Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APB3025SYKCGKC-F01 TO-GRACE-APB3025SYKCGKC-F01 Datasheet
982Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APB3025SURKQWDF TO-GRACE-APB3025SURKQWDF Datasheet
958Kb / 5P
   3.0 x 2.5 mm Surface Mount LED Lamp
KPB-3025SURKCGKC TO-GRACE-KPB-3025SURKCGKC Datasheet
1Mb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APB3025SURKCGKC-F01 TO-GRACE-APB3025SURKCGKC-F01 Datasheet
931Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APBL3025NSGC-F01 TO-GRACE-APBL3025NSGC-F01 Datasheet
928Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com