Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2090 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2090
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2090 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2090 Datasheet HTML 3Page - Texas Instruments TPS2090 Datasheet HTML 4Page - Texas Instruments TPS2090 Datasheet HTML 5Page - Texas Instruments TPS2090 Datasheet HTML 6Page - Texas Instruments TPS2090 Datasheet HTML 7Page - Texas Instruments TPS2090 Datasheet HTML 8Page - Texas Instruments TPS2090 Datasheet HTML 9Page - Texas Instruments TPS2090 Datasheet HTML 10Page - Texas Instruments TPS2090 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = VI(INx) (unless otherwise noted) (continued)
power switch
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
TJ = 25°C,
IO = 0.25 A
80
100
VI(IN) = 5 V,
TJ = 85°C,
IO = 0.25 A
90
120
rDS( )
Static drain source on state resistance
VI(IN) = 5 V,
TJ = 125°C,
IO = 0.25 A
100
135
m
rDS(on)
Static drain-source on-state resistance
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 0.25 A
90
125
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 0.25 A
110
145
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 0.25 A
120
165
t
Rise time output
VI(IN) = 5.5 V,
RL=20 Ω
TJ = 25°C,
CL = 1 µF,
2.5
ms
tr
Rise time, output
VI(IN) = 2.7 V,
RL=20 Ω
TJ = 25°C,
CL = 1 µF,
3
ms
tf
Fall time output
VI(IN) = 5.5 V,
RL=20 Ω
TJ = 25°C,
CL = 1 µF,
4.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
RL=20 Ω
TJ = 25°C,
CL = 1 µF,
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input VI(ENx) or VI(ENx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
II
Input current
VI(ENx) = 0 V and VI(ENx) = VI(IN), or
VI(ENx) = VI(IN) and VI(ENx) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF,
RL=20 Ω
20
ms
toff
Turnoff time
CL = 100 µF,
RL=20 Ω
40
current limit
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(IN) = 5 V, OUT connected to GND,
Device enabled into short circuit
0.3
0.5
0.7
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
V
Hysteresis
TJ = 25°C
100
mV
overcurrent OCx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sink current†
VO = 5 V
10
mA
Output low voltage
IO = 5 mA,
VOL(OCx)
0.5
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
µA
† Specified by design, not production tested.


Similar Part No. - TPS2090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2090 TI1-TPS2090 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2090D TI1-TPS2090D Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2090DG4 TI1-TPS2090DG4 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2090DR TI1-TPS2090DR Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com