Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2150IPWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2150IPWP
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2150IPWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS2150IPWP Datasheet HTML 1Page - Texas Instruments TPS2150IPWP Datasheet HTML 2Page - Texas Instruments TPS2150IPWP Datasheet HTML 3Page - Texas Instruments TPS2150IPWP Datasheet HTML 4Page - Texas Instruments TPS2150IPWP Datasheet HTML 5Page - Texas Instruments TPS2150IPWP Datasheet HTML 6Page - Texas Instruments TPS2150IPWP Datasheet HTML 7Page - Texas Instruments TPS2150IPWP Datasheet HTML 8Page - Texas Instruments TPS2150IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399 – JANUARY 2002
2
www.ti.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TPS2140/41/50/51
PWP PACKAGE
(TOP VIEW)
SW_PG
SW_IN
SW_IN
LDO_IN
SW_EN
LDO_EN
GND
SW_PLDN
SW_OUT
SW_OUT
LDO_OUT
LDO_PLDN
ADJ
LDO_PG
† Pin 5 is active high for TPS2150 and TPS2151.
USB peripheral application
LDO
LDO_PLDN
LDO_OUT
ADJ
USB
Function
Controller
LDO_PG
LDO_IN
LDO_EN
SW_OUT
SW_PLDN
SW_PG
SW_EN
Switch
1.5 k
D+
D–
GND
5 V
TPS2151
SW_IN
5 V
Circuitry


Similar Part No. - TPS2150IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2150IPWP TI1-TPS2150IPWP Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2150IPWPG4 TI1-TPS2150IPWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2150IPWPR TI1-TPS2150IPWPR Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
More results

Similar Description - TPS2150IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com