Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2781IP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2781IP
Description  FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2781IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2781IP Datasheet HTML 3Page - Texas Instruments TLV2781IP Datasheet HTML 4Page - Texas Instruments TLV2781IP Datasheet HTML 5Page - Texas Instruments TLV2781IP Datasheet HTML 6Page - Texas Instruments TLV2781IP Datasheet HTML 7Page - Texas Instruments TLV2781IP Datasheet HTML 8Page - Texas Instruments TLV2781IP Datasheet HTML 9Page - Texas Instruments TLV2781IP Datasheet HTML 10Page - Texas Instruments TLV2781IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
7
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 1.8 V, 2.7 V (unless otherwise
noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 2 kΩ,CL = 25 pF
25
°C
8
MHz
VDD = 1.8 V
25
°C
3.3
4.3
V
= 1 V,
VDD = 1.8 V
Full range
3.1
SR+
Positive slew rate at unity gain
VO(PP) = 1 V,
RL = 2 kΩ
VDD = 2.7 V
25
°C
3.8
4.8
SR+
Positive slew rate at unity gain
O(PP)
RL = 2 kΩ,
CL = 50 pF
VDD = 2.7 V
Full range
3.5
CL = 50 pF
VDD = 3.6 V
25
°C
4
5
VDD = 3.6 V
Full range
3.6
V/ s
VDD = 1.8 V
25
°C
2.1
2.8
V/
µs
V
= 1 V,
VDD = 1.8 V
Full range
1.89
SR−
Negative slew rate at unity gain
VO(PP) = 1 V,
RL = 2 kΩ
VDD = 2.7 V
25
°C
2.2
2.8
SR−
Negative slew rate at unity gain
O(PP)
RL = 2 kΩ,
CL = 50 pF
VDD = 2.7 V
Full range
1.97
CL = 50 pF
VDD = 3.6 V
25
°C
3.5
4.2
VDD = 3.6 V
Full range
3.4
φm
Phase margin
RL = 2 kΩ,
CL = 25 pF
25
°C
58
°
Gain margin
RL = 2 kΩ,
CL = 25 pF
25
°C
8
dB
VDD = 1.8 V,
V(STEP)PP = 1 V,
0.1%
1.7
ts
Settling time
V(STEP)PP = 1 V,
AV = −1,
CL = 10 pF, RL = 2 kΩ
0.01%
25
°C
2.8
s
ts
Settling time
VDD = 2.7 V,
V(STEP)PP = 1 V,
0.1%
25
°C
1.7
µs
V(STEP)PP = 1 V,
AV = −1,
CL = 10 pF, RL = 2 kΩ
0.01%
2.4
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VO(PP) = VDD/2,
AV = 1
0.055%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2,
RL = 2 kΩ,
f = 10 kHz
AV = 10
0.08%
THD + N
Total harmonic distortion plus noise
RL = 2 kΩ,
f = 10 kHz
AV = 100
25
°C
0.45%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
18
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
9
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.9
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD(SHDN)
Supply current, per channel in shutdown mode
SHDN = 0 V
25
°C
900
1400
nA
IDD(SHDN)
Supply current, per channel in shutdown mode
(TLV2780, TLV2783, TLV2785)
SHDN = 0 V
Full range
1700
nA
t(on)
Amplifier turnon time‡
RL = 2 kΩ
25
°C
800
ns
t(off)
Amplifier turnoff time‡
RL = 2 kΩ
25
°C
200
ns
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.


Similar Part No. - TLV2781IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2781IP TI-TLV2781IP Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2781IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com