Electronic Components Datasheet Search |
|
TMS320LF2402PGEA Datasheet(PDF) 9 Page - Texas Instruments |
|
TMS320LF2402PGEA Datasheet(HTML) 9 Page - Texas Instruments |
9 / 106 page TMS320LF2407, TMS320LF2406, TMS320LF2402 TMS320LC2406, TMS320LC2404, TMS320LC2402 DSP CONTROLLERS SPRS094C – APRIL 1999 – REVISED OCTOBER 1999 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 pin functions (continued) Table 2. ’LF240x and ’LC240x Pin List and Package Options†‡ (Continued) PIN NAME ’LF2407 ’2406 ’LC2404 ’2402 DESCRIPTION ANALOG-TO-DIGITAL CONVERTER (ADC) ADCIN00 112 79 79 18 Analog input #0 to the ADC ADCIN01 110 77 77 17 Analog input #1 to the ADC ADCIN02 107 74 74 16 Analog input #2 to the ADC ADCIN03 105 72 72 15 Analog input #3 to the ADC ADCIN04 103 70 70 14 Analog input #4 to the ADC ADCIN05 102 69 69 13 Analog input #5 to the ADC ADCIN06 100 67 67 12 Analog input #6 to the ADC ADCIN07 99 66 66 11 Analog input #7 to the ADC ADCIN08 113 80 80 Analog input #8 to the ADC ADCIN09 111 78 78 Analog input #9 to the ADC ADCIN10 109 76 76 Analog input #10 to the ADC ADCIN11 108 75 75 Analog input #11 to the ADC ADCIN12 106 73 73 Analog input #12 to the ADC ADCIN13 104 71 71 Analog input #13 to the ADC ADCIN14 101 68 68 Analog input #14 to the ADC ADCIN15 98 65 65 Analog input #15 to the ADC VREFHI 115 82 82 20 ADC analog high-voltage reference input VREFLO 114 81 81 19 ADC analog low-voltage reference input VCCA 116 83 83 21 Analog supply voltage for ADC (3.3 V). VCCA must be isolated from digital supply voltage. VSSA 117 84 84 22 Analog ground reference for ADC CONTROLLER AREA NETWORK (CAN), SERIAL COMMUNICATIONS INTERFACE (SCI), SERIAL PERIPHERAL INTERFACE (SPI) CANRX/ IOPC7 CANRX 70 49 – – CAN receive data or GPIO ( ↑) CANRX/ IOPC7 IOPC7 70 49 49 63 CAN receive data or GPIO ( ↑) CANTX/ IOPC6 CANTX 72 50 – – CAN transmit data or GPIO ( ↑) CANTX/ IOPC6 IOPC6 72 50 50 64 CAN transmit data or GPIO ( ↑) SCITXD/ IOPA0 25 17 17 43 SCI asynchronous serial port transmit data or GPIO ( ↑) SCIRXD/ IOPA1 26 18 18 44 SCI asynchronous serial port receive data or or GPIO ( ↑) SPICLK/ IOPC4 SPICLK 35 24 24 – SPI clock or GPIO ( ↑) SPICLK/ IOPC4 IOPC4 35 24 24 47 SPI clock or GPIO ( ↑) SPISIMO/ IOPC2 SPISIMO 30 21 21 – SPI slave in master out or GPIO ( ↑) SPISIMO/ IOPC2 IOPC2 30 21 21 45 SPI slave in, master out or GPIO ( ↑) SPISOMI/ IOPC3 SPISOMI 32 22 22 – SPI slave out master in or GPIO ( ↑) SPISOMI/ IOPC3 IOPC3 32 22 22 46 SPI slave out, master in or GPIO ( ↑) SPISTE/ IOPC5 SPISTE 33 23 23 – SPI slave transmit enable (optional) or GPIO ( ↑) SPISTE/ IOPC5 IOPC5 33 23 23 – SPI slave transmit enable (optional) or GPIO ( ↑) † Bold, italicized pin names indicate pin function after reset. ‡ GPIO – General-purpose input/output pin. All GPIOs come up as input after reset. LEGEND: ↑ – Internal pullup ↓ – Internal pulldown |
Similar Part No. - TMS320LF2402PGEA |
|
Similar Description - TMS320LF2402PGEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |