Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD573JD Datasheet(PDF) 10 Page - Analog Devices

Part # AD573JD
Description  10-Bit A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD573JD Datasheet(HTML) 10 Page - Analog Devices

Back Button AD573JD Datasheet HTML 3Page - Analog Devices AD573JD Datasheet HTML 4Page - Analog Devices AD573JD Datasheet HTML 5Page - Analog Devices AD573JD Datasheet HTML 6Page - Analog Devices AD573JD Datasheet HTML 7Page - Analog Devices AD573JD Datasheet HTML 8Page - Analog Devices AD573JD Datasheet HTML 9Page - Analog Devices AD573JD Datasheet HTML 10Page - Analog Devices AD573JD Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD573
REV. B
-9-
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
20
1
10
11
0.300 (7.62)
0.280 (7.11)
PIN 1
0.080 (2.03) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.100
(2.54)
BSC
0.150
(3.81)
MIN
0.320 (8.13)
0.300 (7.62)
0.015 (0.38)
0.008 (0.20)
1.060 (28.92)
0.990 (25.15)
Figure 18. 20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-20)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
20
1
10
11
0.100 (2.54)
BSC
1.060 (26.92)
1.030 (26.16)
0.980 (24.89)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 19. 20-Lead Plastic Dual In-Line Package [PDIP] Narrow Body
(N-20)
Dimensions shown in inches and (millimeters)


Similar Part No. - AD573JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD573JD AD-AD573JD Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573JD AD-AD573JD Datasheet
593Kb / 10P
   10-Bit A/D Converter
REV. B
More results

Similar Description - AD573JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
   10-Bit A/D Converter
REV. B
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com