Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200GSZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # OP200GSZ-REEL
Description  Dual Low Offset, Low Power Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GSZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button OP200GSZ-REEL Datasheet HTML 7Page - Analog Devices OP200GSZ-REEL Datasheet HTML 8Page - Analog Devices OP200GSZ-REEL Datasheet HTML 9Page - Analog Devices OP200GSZ-REEL Datasheet HTML 10Page - Analog Devices OP200GSZ-REEL Datasheet HTML 11Page - Analog Devices OP200GSZ-REEL Datasheet HTML 12Page - Analog Devices OP200GSZ-REEL Datasheet HTML 13Page - Analog Devices OP200GSZ-REEL Datasheet HTML 14Page - Analog Devices OP200GSZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
OP200
Data Sheet
Rev. G | Page 10 of 16
0.7
0.1
0.2
0.3
0.4
0.5
0.6
–75
–50
TEMPERATURE (°C)
–25
0
25
50
75
100
125
Figure 18. Power Supply Rejection vs. Temperature
6000
0
1000
2000
3000
4000
5000
–75
–50
TEMPERATURE (°C)
–25
0
25
50
75
100
125
VS = ±15V
RL = 2kΩ
Figure 19. Open-Loop Gain vs. Temperature
140
–20
0
20
60
40
80
100
120
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
TA = 25°C
VS = ±15V
180
135
90
0
Figure 20. Open-Loop Gain and Phase Shift vs. Frequency
100
0
–20
–40
20
60
40
80
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
AV = 1000
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ±15V
Figure 21. Closed-Loop Gain vs. Frequency
30
0
5
10
15
20
25
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
V p-p AT 1%
DISTORTION
Figure 22. Maximum Output Swing vs. Frequency
1
0.001
0.01
0.1
100
1k
10k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
VOUT = 10V p-p
RL = 2kΩ
AV = 1
AV = 10
AV = 100
Figure 23. Total Harmonic Distortion vs. Frequency


Similar Part No. - OP200GSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200GSZ-REEL AD-OP200GSZ-REEL Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GSZ-REEL AD-OP200GSZ-REEL Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GSZ-REEL AD-OP200GSZ-REEL Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200GSZ-REEL AD-OP200GSZ-REEL Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GSZ-REEL AD-OP200GSZ-REEL Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Similar Description - OP200GSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com