Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2096DR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2096DR
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2096DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS2096DR Datasheet HTML 1Page - Texas Instruments TPS2096DR Datasheet HTML 2Page - Texas Instruments TPS2096DR Datasheet HTML 3Page - Texas Instruments TPS2096DR Datasheet HTML 4Page - Texas Instruments TPS2096DR Datasheet HTML 5Page - Texas Instruments TPS2096DR Datasheet HTML 6Page - Texas Instruments TPS2096DR Datasheet HTML 7Page - Texas Instruments TPS2096DR Datasheet HTML 8Page - Texas Instruments TPS2096DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
power switch
The power switch is an N-channel MOSFET with a maximum on-state resistance of 135 m
Ω (VI(IN) = 5 V).
Configured as a high-side switch, the power switch prevents current flow from OUTx to IN and IN to OUTx when
disabled. The power switch supplies a minimum of 250 mA per switch.
charge pump
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
driver
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and
fall times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range.
enable (ENx or ENx)
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current to less than 10
µA when a logic high is present on ENx or a logic low is present on ENx. A
logic low input on ENx or logic high on ENx restores bias to the drive and control circuits and turns the power
on. The enable input is compatible with both TTL and CMOS logic levels.
overcurrent (OCx)
The OCx open drain output is asserted (active low) when an overcurrent or over temperature condition is
encountered. The output will remain asserted until the overcurrent or overtemperature condition is removed.
current sense
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into
its saturation region, which switches the output into a constant current mode and holds the current constant
while varying the voltage on the load.
thermal sense
The TPS209x implements a dual thermal trip to allow fully independent operation of the power distribution
switches. In an overcurrent or short-circuit condition the junction temperature rises. When the die temperature
rises to approximately 140
°C, the internal thermal sense circuitry checks to determine which power switch is
in an overcurrent condition and turns off that switch, thus isolating the fault without interrupting operation of the
adjacent power switch. Hysteresis is built into the thermal sense, and after the device has cooled approximately
20 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is removed. The
(OCx) open-drain output is asserted (active low) when overtemperature or overcurrent occurs.
undervoltage lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.


Similar Part No. - TPS2096DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2096D TI1-TPS2096D Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2096DG4 TI1-TPS2096DG4 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2096DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com