Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2782ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2782ID
Description  FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2782ID Datasheet(HTML) 5 Page - Texas Instruments

  TLV2782ID Datasheet HTML 1Page - Texas Instruments TLV2782ID Datasheet HTML 2Page - Texas Instruments TLV2782ID Datasheet HTML 3Page - Texas Instruments TLV2782ID Datasheet HTML 4Page - Texas Instruments TLV2782ID Datasheet HTML 5Page - Texas Instruments TLV2782ID Datasheet HTML 6Page - Texas Instruments TLV2782ID Datasheet HTML 7Page - Texas Instruments TLV2782ID Datasheet HTML 8Page - Texas Instruments TLV2782ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
5
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 1.8 V, 2.7 V (unless otherwise
noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV278x
25
°C
250
3000
VIO
Input offset voltage
VO = VDD/2,
TLV278x
Full range
4500
V
VIO
Input offset voltage
VO = VDD/2,
RL = 2 kΩ,
TLV278xA
25
°C
250
2000
µV
RL = 2 kΩ,
RS = 50 Ω
TLV278xA
Full range
3000
VIO
Temperature coefficient of input offset
RS = 50 Ω
8
V/
°C
αVIO
Temperature coefficient of input offset
voltage
8
µV/°C
VDD = 1.8 V
25
°C
50
76
VIC = 0 to VDD,
R
= 50
VDD = 1.8 V
Full range
50
CMRR
Common-mode rejection ratio
VIC = 0 to VDD,
RS = 50 Ω
VDD = 2.7 V/ 3.6 V
25
°C
55
80
dB
CMRR
Common-mode rejection ratio
S
VDD = 2.7 V/ 3.6 V
Full range
50
dB
VIC = 1.2 V to VDD,
VDD = 2.7 V/ 3.6 V
25
°C
70
100
VIC = 1.2 V to VDD,
RS = 50 Ω
VDD = 2.7 V/ 3.6 V
Full range
70
VDD = 1.8 V
25
°C
200
600
AVD
Large-signal differential voltage
RL = 2 kΩ,
VDD = 1.8 V
Full range
50
V/mV
AVD
Large-signal differential voltage
amplification
RL = 2 kΩ,
VO(PP) = 1 V
VDD = 2.7 V/ 3.6 V
25
°C
200
1000
V/mV
amplification
VO(PP) = 1 V
VDD = 2.7 V/ 3.6 V
Full range
70
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
2.5
15
IIO
Input offset current
V
= V
/2,
TLV278xC
Full range
100
pA
IIO
Input offset current
VO = VDD/2,
RL = 2 kΩ,
TLV278xI
Full range
300
pA
RL = 2 kΩ,
RS = 50 Ω
25
°C
2.5
15
IIB
Input bias current
RS = 50 Ω
TLV278xC
Full range
100
pA
IIB
Input bias current
TLV278xI
Full range
300
pA
ri(d)
Differential input resistance
25
°C
1000
G
Ci(c)
Common-mode input capacitance
f = 1 kHz
25
°C
19
pF
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.


Similar Part No. - TLV2782ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2782ID TI-TLV2782ID Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2782ID TI1-TLV2782ID Datasheet
1Mb / 44P
[Old version datasheet]   FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
TLV2782IDGK TI-TLV2782IDGK Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2782IDGK TI1-TLV2782IDGK Datasheet
1Mb / 44P
[Old version datasheet]   FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
TLV2782IDGKR TI1-TLV2782IDGKR Datasheet
1Mb / 44P
[Old version datasheet]   FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
More results

Similar Description - TLV2782ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com