Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS81102G0VTP Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TS81102G0VTP
Description  DMUX 8-/10-bit 2 GHz 1:4/8
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0VTP Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS81102G0VTP Datasheet HTML 4Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 5Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 6Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 7Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 8Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 9Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 10Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 11Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
TS81102G0
2105C–BDC–11/03
Single-ended
Output Data
To reduce the pin number and power consumption of the DMUX, the eight output ports are
single-ended.
To reach the high frequency output (up to 250 MHz) with a reasonable power consumption,
the swing must be limited to a maximum of ±500 mV. The common mode is adjustable from
-1.3V to +2V, with Vplus DOut pins. To ensure better noise immunity, a reference level (com-
mon mode) is available (one level by output port).
The output buffers are of ECL type (open emitters – not resistive adapted impedances). They
are designed for a 15 mA average output current, and may be used with a 50
Ω termination
impedance.
Figure 9. Single-ended Output Data
Following are three application examples for these buffers: ECL/PECL/TTL. Please note that it
is possible to have any other odd output format as far as current (36 mA max) and voltage
(Vplus Dout – V
EE ≤ 8.3V) limits are not overridden. The maximum frequency in TTL output
mode depends on the load to be driven.
This corresponds to the “Adjustable Logic Single” in the pinout description.
The “Adjustable Single” buffers for reference voltage are the same buffers, but the information
available at the output of these buffers is more like analog than logic.
Note:
The Max Output Data Rate is given for a typical 50
Ω/2 pF load.
Table 1. Examples of Application of Buffers
Parameter
ECL
PECL
TTL
Unit
VplusDout
0
3.3
3.3
V
Vtt
-2
1.3
0
V
Swing
±0.5
±0.5
±1
V
Reference
-1.3
2
1.5
V
Voh
-0.8
2.5
2.5
V
Vol
-1.8
1.5
0.5
V
Load
50
50
≥75
Average Output Current
14
14
15
mA
Output Data rate max.
250
250
250
Msps
Vee
PadOut
VPlusDOut


Similar Part No. - TS81102G0VTP

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TS81102G0VTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
   10-BIT 1:2/4 2.2GHz LVDS DMUX
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
logo
Teledyne Technologies I...
CPA-8-2003 TELEDYNE-CPA-8-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
CPA-8-2004 TELEDYNE-CPA-8-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com