Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB14AA1TPFB Datasheet(PDF) 6 Page - Texas Instruments

Part # TSB14AA1TPFB
Description  3.3 V IEEE 1394-1995 BACKPLANE PHY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14AA1TPFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB14AA1TPFB Datasheet HTML 2Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 3Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 4Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 5Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 6Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 7Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 8Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 9Page - Texas Instruments TSB14AA1TPFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
1–1
1 Introduction
1.1
Description
The TSB14AA1A (TSB14AA1A refers to all three devices: TSB14AA1A, TSB14AA1AI, and TSB14AA1AT) is the
second-generation 1394 backplane physical layer device. It is recommended for use in all new designs instead of
the first generation TSB14C01A. It provides the physical layer functions needed to implement a single port node in
a backplane based 1394 network. The TSB14AA1A provides two pins for transmitting, two for receiving, and two pins
to externally control the transceivers for data and strobe. In addition to supporting open-collector drivers, the
TSB14AA1A can also support 3-state(high-impedance) drivers. The TSB14AA1A is not designed to drive the
backplane directly; this function must be provided externally. The TSB14AA1A is designed to interface with a
link-layer controller (LLC), such as the TSB12LV01B, TSB12LV32, TSB12LV21B, etc.
The TSB14AA1A requires an external 98.304-MHz reference oscillator input for S100 asynchronous only operation
or 49.152-MHz for S50 asynchronous only operation. Two clock select pins (CLK_SEL0, CLK_SEL1) select the
speed mode for the TSB14AA1A (see Table 1–1). For S100 operation, the 98.304-MHz reference signal is internally
divided to provide the 49.152-MHz system clock signals used to control transmission of the outbound encoded strobe
and data information. The 49.152-MHz clock signal is also supplied to the associated LLC for synchronization of the
two chips and is used for resynchronization of the received data. For S50 operation, a 49.152-MHz reference signal
is used. This reference signal is internally divided to provide the 24.576-MHz system clock signals for S50 operations.
Table 1–1. Speed Mode Setting
SPEED MODE
CLK_SEL0 PIN
CLK_SEL1 PIN
INPUT TO XI PIN
PHY_SCLK OUTPUT
MAXIMUM FREQUENCY
OF TDATA, TSTRB
100 Mbits/s
0
0
100 MHz
X1/2 (50 MHz)
50 MHz
50 Mbits/s
1
0
50 MHz
X1/2 (25 MHz)
25 MHz
Reserved
1
1
Reserved
0
1
During packet transmit, data bits to be transmitted are received from the LLC on two parallel paths and are latched
internally in the TSB14AA1A in synchronization with the system clock. These bits are combined serially, encoded,
and transmitted as the outbound data-strobe information stream. During transmit, the encoded data information is
transmitted on TDATA, and the encoded strobe information is transmitted on TSTRB.
During packet reception, the data information is received on RDATA and strobe information is received on RSTRB.
The received data and strobe information is decoded to recover the received clock signal and the serial data bits,
which are resynchronized to the local system clock. The serial data bits are split into two parallel streams and sent
to the associated LLC. The PHY-Link interface has been made compliant to IEEE 1394a–2000 including timing and
transfer of register 0 to the link-layer automatically after every 1394 bus reset.
The TSB14AA1A is a 3.3 V device that provides LVCMOS level outputs. The TSB14AA1A is an asynchronous only
device.
† 3-State means a driver may drive high, low, or may be placed in a high-impedance state


Similar Part No. - TSB14AA1TPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AIPFB TI1-TSB14AA1AIPFB Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
More results

Similar Description - TSB14AA1TPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com