Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM05-02HTG Datasheet(PDF) 1 Page - Littelfuse

Part # SM05-02HTG
Description  400W TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM05-02HTG Datasheet(HTML) 1 Page - Littelfuse

  SM05-02HTG Datasheet HTML 1Page - Littelfuse SM05-02HTG Datasheet HTML 2Page - Littelfuse SM05-02HTG Datasheet HTML 3Page - Littelfuse SM05-02HTG Datasheet HTML 4Page - Littelfuse SM05-02HTG Datasheet HTML 5Page - Littelfuse SM05-02HTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/23/18
5
General Purpose ESD Protection - SM05 through SM36
Description
Applications
The SM series TVS Diode Array is designed to protect
sensitive equipment from damage due to electrostatic
discharge (ESD), electrical fast transients (EFT), and
lightning induced surges.
The SM series can absorb repetitive ESD strikes above the
maximum level specified in the IEC 61000-4-2 international
standard without performance degradation and safely
dissipate up to 24A of 8/20µs induced surge current (IEC-
61000-4-5, 2nd Edition) with very low clamping voltages.
Features
• RoHS compliant and
lead-free
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 50A
(5/50ns)
• Lightning, IEC 61000-
4-5, 2nd Edition, 24A
(t
P=8/20μs, SM05)
• Working voltages: 5V,
12V, 15V, 24V and 36V
• Low clamping voltage
• Low leakage current
• AEC-Q101 qualified
(SOT23-3 package)
• Moisture Sensitivity Level
(MSL-1)
• Industrial Equipment
• Test and Medical
Equipment
• Point-of-Sale Terminals
• Motor Controls
• Legacy Ports
(RS-232, RS-485)
• Security and Alarm
System
• Automotive Electronics
Pinout and Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SM Series 400W TVS Diode Array
1
2
3
RS-232 Application Example
IC
RD
TD
RTS
CTS
DSR
DTR
RS-232 Port
Transceiver
SM15 (x6)
(bidirec onal implementa on)
Case GND
(AEC-Q101 qualified)
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SM05-02HTG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SM05-02HTG UMW-SM05-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
More results

Similar Description - SM05-02HTG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
   TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com