Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40421S14-A Datasheet(PDF) 1 Page - Xicor Inc.

Part # X40421S14-A
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40421S14-A Datasheet(HTML) 1 Page - Xicor Inc.

  X40421S14-A Datasheet HTML 1Page - Xicor Inc. X40421S14-A Datasheet HTML 2Page - Xicor Inc. X40421S14-A Datasheet HTML 3Page - Xicor Inc. X40421S14-A Datasheet HTML 4Page - Xicor Inc. X40421S14-A Datasheet HTML 5Page - Xicor Inc. X40421S14-A Datasheet HTML 6Page - Xicor Inc. X40421S14-A Datasheet HTML 7Page - Xicor Inc. X40421S14-A Datasheet HTML 8Page - Xicor Inc. X40421S14-A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV 1.2.14 7/12/02
Characteristics subject to change without notice.
1 of 25
www.xicor.com
4kbit EEPROM
X40420/X40421
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
FEATURES
• Dual voltage detection and reset assertion
—Three standard reset threshold settings
(4.6V/2.9V, 4.6V/2.6V, 2.9V/1.6V)
—VTRIP2 Programmable down to 0.9V
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor two voltages or detect power fail
• Battery Switch Backup
•VOUT: 5mA to 50mA from VCC; or 250µA from
VBATT
• Fault detection register
• Selectable power on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s, off)
• Debounced manual reset input
• Low power CMOS
—25µA typical standby current, watchdog on
—6µA typical standby current, watchdog off
—1µA typical battery current in backup mode
• 4Kbits of EEPROM
—16 byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect 0 or 1/2, of EEPROM
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14-lead SOIC, TSSOP
APPLICATIONS
• Communications Equipment
—Routers, Hubs, Switches
—Disk arrays
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Desktop Computers
—Network Servers
X40420/21
DESCRIPTION
The X40420/21 combines power-on reset control,
watchdog timer, supply voltage supervision, and sec-
ondary supervision, manual reset, and Block Lock
protect serial EEPROM in one package. This combina-
tion lowers system cost, reduces board space require-
ments, and increases reliability.
Applying voltage to VCC activates the power on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscillator
to stabilize before the processor can execute code.
Standard VTRIP1 Level Standard VTRIP2 Level Suffix
4.6V (+/-1%)
2.9V(+/-1.7%)
-A
4.6V (+/-1%)
2.6V (+/-2%)
-B
2.9V(+/-1.7%)
1.6V (+/-3%)
-C
See “Ordering Information” for more details
For Custom Settings, call Xicor.
BLOCK DIAGRAM
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40420
X40421
+
-
V2 Monitor
Logic
VTRIP2
Fault Detection
Register
Status
Register
EEPROM
Array
Data
Register
Command
Decode Test
& Control
Logic
Power on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V2MON
SDA
WP
SCL
VCC
(V1MON)
Watchdog
and
Reset Logic
System
Switch
Battery
VBATT
VOUT
BATT-ON
+
-
VTRIP1
VOUT
VOUT
VOUT
• Monitor Voltages: 5V to 1.6V
• Memory Security
• Battery Switch Backup
•VOUT 5mA to 50mA
New Features
Preliminary Datasheet


Similar Part No. - X40421S14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40421S14-A INTERSIL-X40421S14-A Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40421S14-A RENESAS-X40421S14-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40421S14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com